Electronic Components Datasheet Search
  English  ▼

X  

ATA6809 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATA6809
Description  Fail-safe IC with Relay Driver and Lamp Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6809 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATA6809 Datasheet HTML 1Page - ATMEL Corporation ATA6809 Datasheet HTML 2Page - ATMEL Corporation ATA6809 Datasheet HTML 3Page - ATMEL Corporation ATA6809 Datasheet HTML 4Page - ATMEL Corporation ATA6809 Datasheet HTML 5Page - ATMEL Corporation ATA6809 Datasheet HTML 6Page - ATMEL Corporation ATA6809 Datasheet HTML 7Page - ATMEL Corporation ATA6809 Datasheet HTML 8Page - ATMEL Corporation ATA6809 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
4902A–AUTO–11/05
ATA6809
Figure 1-1.
Block Diagram
2.
Pin Configuration
Figure 2-1.
Pinning SO20
Digital input lamp 1
Digital input relay
Digital input lamp 2
Digital input wd
Feedback lamp 1
Feedback lamp 2
Debouncing of
over- and under-
voltage detection
Short-circuit
detection and
temperature
monitor
Oscillator
monitoring
RC-oscillator
Watchdog
p reset
n reset
Logic
Open-collector
250 mA
lamp driver 1
Temperature
Open-collector
250 mA
lamp driver 2
Open-collector
250 mA
relay driver
Open-collector
25 mA
enable driver
LA1I
LA2I
RELI
WDI
FBLA1
FBLA2
PRES
NRES
Micro-
controller
OSC
GND
AUX GND
LA1O
LA2O
RELO
ENO
VS
Loads
1
2
3
4
5
6
7
8
10
9
19
18
17
16
14
15
13
12
11
20
RELO
GND
GND
FBLA1
NRES
PRES
LA1I
LA2I
GND
GND
GND
LA2O
AUX
GND
ENO
VS
LA1O
FBLA2
OSC
REL1
WDI
ATA6809



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com