Electronic Components Datasheet Search
  English  ▼

X  

TSS463C Datasheet(PDF) 14 Page - ATMEL Corporation

Part # TSS463C
Description  VAN Data Link Controller with Serial Interface
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463C Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button TSS463C Datasheet HTML 10Page - ATMEL Corporation TSS463C Datasheet HTML 11Page - ATMEL Corporation TSS463C Datasheet HTML 12Page - ATMEL Corporation TSS463C Datasheet HTML 13Page - ATMEL Corporation TSS463C Datasheet HTML 14Page - ATMEL Corporation TSS463C Datasheet HTML 15Page - ATMEL Corporation TSS463C Datasheet HTML 16Page - ATMEL Corporation TSS463C Datasheet HTML 17Page - ATMEL Corporation TSS463C Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
14
TSS463C
7601B–AUTO–02/06
VAN Protocol
Line Interface
There are three line inputs and one line output available on the TSS463C. that of the
three inputs to use is either programmable by software or automatically selected by a
diagnosis system.
The diagnosis system continuously monitors the data received through the three inputs,
and compares it with each other and the selected bitrate. It then chooses the most reli-
able input according to the results.
The data on the line is encoded according to the VAN standard ISO/11519-3. This
means that the TSS463C is using a two level signal having a recessive (1) and a domi-
nant (0) state. Furthermore, due to the simple medium used, all data transmitted on the
bus is also received simultaneously.
The VAN protocol is hence a CSMA/CD (Carrier Sense Multiple Access Collision Detec-
tion) protocol, allowing for continuous bitwise arbitration of the bus, and non-destructive
(for the higher priority messa ge) collision detection.
Figure 10. CSMA/CD Arbritration
In addition to the VAN specification there is also a pulsed coding of the dominant and
recessive states. This mode is intended to be used with an optical or radio link. In this
mode the dominant state for the transmitter is a low pulse (2x prescaled clocks at the
beginning of the bit) and the recessive state is just a high level. When receiving in this
mode it is not the state of the signal itself that is decoded, but the edges. Also, reception
is imposed on the RxD0 input, and the diagnosis system does not operate correctly.
In addition, in this mode there is an internal loopback in the circuit since optical trans-
ceivers are not able to receive the signal that they transmit.
Node a: TxD
Node a loses the arbitration
Node a releases the bus
Node b wins the arbitration
Node c loses the arbitration
Node c releases the bus
R
D
Node b: TxD
R
D
Node c: TxD
R
D
On Bus: DATA
R
D
Arbitration field
R: Recessive Level
D: Dominant Level
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com