Electronic Components Datasheet Search
  English  ▼

X  

TSS463C Datasheet(PDF) 6 Page - ATMEL Corporation

Part # TSS463C
Description  VAN Data Link Controller with Serial Interface
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463C Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button TSS463C Datasheet HTML 2Page - ATMEL Corporation TSS463C Datasheet HTML 3Page - ATMEL Corporation TSS463C Datasheet HTML 4Page - ATMEL Corporation TSS463C Datasheet HTML 5Page - ATMEL Corporation TSS463C Datasheet HTML 6Page - ATMEL Corporation TSS463C Datasheet HTML 7Page - ATMEL Corporation TSS463C Datasheet HTML 8Page - ATMEL Corporation TSS463C Datasheet HTML 9Page - ATMEL Corporation TSS463C Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
6
TSS463C
7601B–AUTO–02/06
Figure 3. SPI Data Stream
SCLK: Serial Clock
The master device provides the serial clock for the slave devices. Data is transferred
synchronously with this clock in both directions. The master and the slave devices
send/receive a data byte during an eight-clock pulse sequence.
MOSI: Master Out Slave In
The MOSI pin is the master device data output (CPU) and the slave device data input
(TSS463C). Data is transferred serially from the master to the slave on this line; most
significant bit (MSB) first, least significant bit (LSB) last.
MISO: Master In Slave Out
The MISO pin is configured as the slave device data output (TSS463C) and as master
device data input (CPU). When the slave device is not selected (SS = 1), this pin is in
high impedance state.
SS: Slave Select
The SS pin is the slave chip select. It is low active. A low state on the Slave Select input
allows the TSS463C to accept data on the MOSI pin and send data on the MISO pin.
The Slave Select signal must not toggle between each transmitted byte and should be
left at a low level during the whole SPI frame. SS must be asserted to inactive high level
at the end of the SPI frame.
As mentioned before, if SS is not asserted, MISO pin is in a high impedance state and
incoming data is not driven to the serial data register.
SPI Protocol
The general format of the data communication in the SPI frame between the TSS463C
and the host is a bit-for-bit exchange on each SCLK clock pulse. Data is arranged in the
TSS463C such that the significance of a bit is determined by its position from the start
for output and from the end for input, most significant bit (MSB) is sent first. Bit
exchanges in multiples of 8 bits are allowed.
The Idle Clock Polarity (CPOL) and the Clock Phase (CPHA) are not programmable: the
CPOL and CPHA values to be programmed in the master (CPU) are CPOL = CPHA = 1.
This is available for all modes. Waveforms with transmit and sample points are shown in
Figure 6.
0x55
SCLK
MOSI
SS
SPI 8 Pulses
0x66
MISO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com