Electronic Components Datasheet Search
  English  ▼

X  

TSS463C Datasheet(PDF) 4 Page - ATMEL Corporation

Part # TSS463C
Description  VAN Data Link Controller with Serial Interface
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463C Datasheet(HTML) 4 Page - ATMEL Corporation

  TSS463C Datasheet HTML 1Page - ATMEL Corporation TSS463C Datasheet HTML 2Page - ATMEL Corporation TSS463C Datasheet HTML 3Page - ATMEL Corporation TSS463C Datasheet HTML 4Page - ATMEL Corporation TSS463C Datasheet HTML 5Page - ATMEL Corporation TSS463C Datasheet HTML 6Page - ATMEL Corporation TSS463C Datasheet HTML 7Page - ATMEL Corporation TSS463C Datasheet HTML 8Page - ATMEL Corporation TSS463C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
4
TSS463C
7601B–AUTO–02/06
Application
The TSS463C is a microprocessor controlled line controller for the VAN bus. It can inter-
face to virtually any microprocessor that includes SPI or SCI interface.
•
The TSS463C provides one full Motorola© compatible SPI interface.
•
It includes one full compatible Intel
® UART (mode 0 only).
•
One 9-bits SCI interface is also integrated.
The circuit also features a single interrupt pin. This pin can be treated as level sensitive,
i.e. if there is a pending interrupt inside the circuit when another interrupt is reset the INT
pin will emit a high pulse with the same pulse width as the internal write strobe (typically
20 ns).
Figure 1. Typical Application With Motorola SPI Mode
Notes:
1. The TSS463C RESET pin can be either connected to GND through a 1 µF capacitor,
or the µC RESET pin or unconnected (inactive with internal pull-up).
2. Leaving MISO output pin floating in high impedance mode slightly increases standby
consumption. A 100K
Ω pullup/pulldown resistor is recommended.
TEST/VSS
TxD
mC
CKOUT
IRQ
PORT X.Y
MISO
XTAL1
INT
SS
RESET (1)
MISO(2)
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
SCLK
MOSI
RxD0
RxD1
RxD2
RESET (1)
VDD
GND
XTAL2
VAN Bus
General I/O
Remaining pins
SCLK
(if needed)
100K
MOSI
CKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com