Electronic Components Datasheet Search
  English  ▼

X  

PCK111 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCK111
Description  Low voltage 1:10 differential PECL clock driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK111 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCK111 Datasheet HTML 1Page - NXP Semiconductors PCK111 Datasheet HTML 2Page - NXP Semiconductors PCK111 Datasheet HTML 3Page - NXP Semiconductors PCK111 Datasheet HTML 4Page - NXP Semiconductors PCK111 Datasheet HTML 5Page - NXP Semiconductors PCK111 Datasheet HTML 6Page - NXP Semiconductors PCK111 Datasheet HTML 7Page - NXP Semiconductors PCK111 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Philips Semiconductors
Product data
PCK111
Low voltage 1:10 differential
PECL clock driver
2001 Sep 07
5
AC ELECTRICAL CHARACTERISTICS
VCC = 2.25 to 3.80 V, VEE = 0 V, or VCC = 0 V, VEE = –2.25 to –3.80 V
SYMBOL
PARAMETER
CONDITION
–40
°C
MIN
–40
°C
MAX
25
°C
MIN
25
°C
MAX
70
°C
MIN
70
°C
MAX
UNIT
tPD
Differential propagation
delay
Nominal (single input
condition) VPP = 0.650 V,
VCMR = VCC – 0.800 V
(Note 1)
350
500
380
530
450
600
ps
tskew
Part-to-part skew
Note 1
—
150
—
150
—
150
ps
tskew
Output-to-output same part
skew
Note 1
—
70
—
65
—
60
ps
tPD
Differential propagation
delay
Note 1
280
600
300
620
370
700
ps
tskew
Part-to-part skew
Note 1
—
320
—
320
—
320
ps
tskew
Output-to-output same part
skew
Note 1
—
70
—
65
—
60
ps
fMAX
Maximum output frequency
Functional to 1.5 GHz;
Timing specifications apply
to 1.0 GHZ
—
1500
—
1500
—
1500
MHz
tr/tf
Output rise/fall time at 20%
to 80%
All outputs terminated 50
Ω
to VCC – 2.0 V
100
300
100
300
100
300
ps
NOTE:
1. For operation with 2.5 V supply, the output termination is 50
Ω to VEE.
For operation with 3.3 V supply, the output termination is 50
Ω to VCC – 2 V.
AC ELECTRICAL CHARACTERISTICS
VCC = 2.25 to 3.80 V, VEE = 0 V
SYMBOL
PARAMETER
CONDITION
–40
°C
MIN
–40
°C
MAX
25
°C
MIN
25
°C
MAX
70
°C
MIN
70
°C
MAX
UNIT
tPD
Differential propagation
delay
Nominal (single input
condition) VPP = 0.650 V,
VCMR = VCC – 0.800 V
(Note 1)
380
530
420
570
500
650
ps
tskew
Part-to-part skew
Note 1
—
150
—
150
—
150
ps
tskew
Output-to-output same part
skew
Note 1
—
70
—
65
—
60
ps
tPD
Differential propagation
delay
Note 1
300
600
350
650
430
750
ps
tskew
Part-to-part skew
Note 1
—
300
—
300
—
320
ps
tskew
Output-to-output same part
skew
Note 1
—
70
—
65
—
60
ps
fMAX
Maximum output frequency
Functional to 1.5 GHz;
Timing specifications apply
to 1.0 GHZ
—
250
—
250
—
250
MHz
tr/tf
Output rise/fall time at 20%
to 80%
All outputs terminated 50
Ω
to VCC – 2.0 V
100
300
100
300
100
300
ps
NOTE:
1. For operation with 2.5 V supply, the output termination is 50
Ω to VEE.
For operation with 3.3 V supply, the output termination is 50
Ω to VCC-2 V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com