Electronic Components Datasheet Search
  English  ▼

X  

PCK111 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCK111
Description  Low voltage 1:10 differential PECL clock driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK111 Datasheet(HTML) 7 Page - NXP Semiconductors

  PCK111 Datasheet HTML 1Page - NXP Semiconductors PCK111 Datasheet HTML 2Page - NXP Semiconductors PCK111 Datasheet HTML 3Page - NXP Semiconductors PCK111 Datasheet HTML 4Page - NXP Semiconductors PCK111 Datasheet HTML 5Page - NXP Semiconductors PCK111 Datasheet HTML 6Page - NXP Semiconductors PCK111 Datasheet HTML 7Page - NXP Semiconductors PCK111 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Philips Semiconductors
Product data
PCK111
Low voltage 1:10 differential
PECL clock driver
2001 Sep 07
7
LQFP32:
plastic low profile quad flat package; 32 leads; body 7 x 7 x 1.4 mm
SOT358-1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com