Electronic Components Datasheet Search
  English  ▼

X  

ACT41000 Datasheet(PDF) 53 Page - Qorvo, Inc

Part # ACT41000
Description  Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT41000 Datasheet(HTML) 53 Page - Qorvo, Inc

Back Button ACT41000 Datasheet HTML 49Page - Qorvo, Inc ACT41000 Datasheet HTML 50Page - Qorvo, Inc ACT41000 Datasheet HTML 51Page - Qorvo, Inc ACT41000 Datasheet HTML 52Page - Qorvo, Inc ACT41000 Datasheet HTML 53Page - Qorvo, Inc ACT41000 Datasheet HTML 54Page - Qorvo, Inc ACT41000 Datasheet HTML 55Page - Qorvo, Inc ACT41000 Datasheet HTML 56Page - Qorvo, Inc ACT41000 Datasheet HTML 57Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 72 page
background image
ACT41000
Programmable Voltage, Programmable Current, Low Noise
RFPoL Step-Down Voltage Regulator
Table 11. Register 0x03
Bit #
Bit(s) Name
Def
Description
7
WDT High
0
6
WDT Low
0
1*: Clock input at SYNC is too high/low to accept.
0: (normal), See SYNC Input Watch Dog Timer.
5
Mini-buck in 100%
0
1*: Mini-buck is operating in 100% mode.
0: Mini-buck is operating out of 100% mode.
See Mini-buck 100% Duty Operation.
4
Main-buck in CC
0
1*: Main-buck is operating in CC mode.
0: Main-buck is operating in CV mode.
See Programmable Current Limit.
3
Main-buck in 100%
0
1*: Main-buck is operating in 100% mode.
0: Main-buck is operating out of 100% mode.
See 100% Duty Operation.
2
PG of Main-buck
0
1*: Main-buck in "Power-good" condition
0: Main-buck in NOT "Power-good" condition
See Main-buck Power-Good.
1
0
(un-used bit)
0
0
(un-used bit)
0x04: (Reserved)
The register 0x04 is reserved for future spins. Nothing is assigned to this register.
0x05: Command
The register 0x05 is Read / Write type. A writing action to this register triggers a certain action at the device.
Table 12. Register 0x05
Bit #
Bit(s) Name
Def
Description
7
0
(un-used bit)
6
0
(un-used bit)
5
0
(un-used bit)
4
0
(un-used bit)
3
0
(un-used bit)
2
0
(un-used bit)
1
Load DACOUT
0
Setting 1 to load DACOUT value in effect.
Always reads 0. See Loading New DACOUT Value.
0
Enable Main-buck
0
Writing 1 to enable Main-buck
See Main-buck Enable Control
0x06: Interrupt Mask #1
0x07: Interrupt Mask #2
The registers 0x06 and 0x07 are Read / Write type. These 2 registers are corresponding to the Reg01 and Reg02
respectively. Any 1 bit in Reg06 and Reg07 prevents (masks) an interrupt event triggered by the corresponding bit in Reg01
ACT41000 Data Sheet, Rev. B, 01-Apr-2022
Subject to change without notice
53
www.qorvo.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com