Electronic Components Datasheet Search
  English  ▼

X  

QPC2511SR Datasheet(PDF) 16 Page - Qorvo, Inc

Part # QPC2511SR
Description  2.0 – 11.0 GHz 30W GaN SP3T Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPC2511SR Datasheet(HTML) 16 Page - Qorvo, Inc

Back Button QPC2511SR Datasheet HTML 12Page - Qorvo, Inc QPC2511SR Datasheet HTML 13Page - Qorvo, Inc QPC2511SR Datasheet HTML 14Page - Qorvo, Inc QPC2511SR Datasheet HTML 15Page - Qorvo, Inc QPC2511SR Datasheet HTML 16Page - Qorvo, Inc QPC2511SR Datasheet HTML 17Page - Qorvo, Inc QPC2511SR Datasheet HTML 18Page - Qorvo, Inc QPC2511SR Datasheet HTML 19Page - Qorvo, Inc QPC2511SR Datasheet HTML 20Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
QPC2511
2.0 to 11.0 GHz High Power GaN SP3T Switch
Data Sheet Rev B. June 08, 2020 | Subject to change without notice
16 of 25
www.qorvo.com
®
Performance Plots
 – Large Signal (TX-S)
Notes:
RFC = Port1; RF1 = Port 2 = RX; RF2 = Port 3 = TX-X; RF3 = Port4 = TX-S. See Logic table on Page 21 for Voltage controls
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
30
33
36
39
42
45
Input Power (dBm)
TX-S: Insertion Loss vs. PIN vs. Temp.
-40C
+25C
+85C
Pulsed RF: PW = 300µs; DC = 25%
Freq. = 3 GHz
TX-S = RF3 = ON: VC1 = -30 V, VC2 = 0 V
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
30
33
36
39
42
45
Input Power (dBm)
TX-S: Gate Current (IC) vs. PIN vs. Temp.
-40C
+25C
+85C
Pulsed RF: PW = 300µs; DC = 20%
Freq. = 3 GHz
TX-S = RF3 = ON: VC1 = -30 V, VC2 = 0 V
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
30
33
36
39
42
45
Input Power (dBm)
TX-S: Insertion Loss vs. PIN vs. Temp.
-40C
+25C
+85C
Pulsed RF: PW = 300µs; DC = 25%
Freq. = 3.5 GHz
TX-S = RF3 = ON: VC1 = -30 V, VC2 = 0 V
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
30
33
36
39
42
45
Input Power (dBm)
TX-S: Gate Current (IC) vs. PIN vs. Temp.
-40C
+25C
+85C
Pulsed RF: PW = 300µs; DC = 20%
Freq. = 3.5 GHz
TX-S = RF3 = ON: VC1 = -30 V, VC2 = 0 V
-2.0
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
30
33
36
39
42
45
Input Power (dBm)
TX-S: Insertion Loss vs. PIN vs. Temp.
-40C
+25C
+85C
Pulsed RF: PW = 300µs; DC = 25%
Freq. = 4 GHz
TX-S = RF3 = ON: VC1 = -30 V, VC2 = 0 V
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
30
33
36
39
42
45
Input Power (dBm)
TX-S: Gate Current (IC) vs. PIN vs. Temp.
-40C
+25C
+85C
Pulsed RF: PW = 300µs; DC = 20%
Freq. = 4 GHz
TX-S = RF3 = ON: VC1 = -30 V, VC2 = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com