Electronic Components Datasheet Search
  English  ▼

X  

QPC2511SR Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPC2511SR
Description  2.0 – 11.0 GHz 30W GaN SP3T Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPC2511SR Datasheet(HTML) 2 Page - Qorvo, Inc

  QPC2511SR Datasheet HTML 1Page - Qorvo, Inc QPC2511SR Datasheet HTML 2Page - Qorvo, Inc QPC2511SR Datasheet HTML 3Page - Qorvo, Inc QPC2511SR Datasheet HTML 4Page - Qorvo, Inc QPC2511SR Datasheet HTML 5Page - Qorvo, Inc QPC2511SR Datasheet HTML 6Page - Qorvo, Inc QPC2511SR Datasheet HTML 7Page - Qorvo, Inc QPC2511SR Datasheet HTML 8Page - Qorvo, Inc QPC2511SR Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
QPC2511
2.0 to 11.0 GHz High Power GaN SP3T Switch
Data Sheet Rev B. June 08, 2020 | Subject to change without notice
2 of 25
www.qorvo.com
®
Recommended Operating Conditions
Parameter
Min
Typ.
Max
Units
VC1
0/-30
V
VC2
-30/0
V
Control Voltage
Range
-22
-30
–
V
Temperature Range
-40
+25
+85
°C
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
Absolute Maximum Ratings
Parameter
Rating
Control Voltage (VC)
−40 V
Control Current (IC)
10.0 mA
Power Dissipation, 85 °C
5 W
Input Power (PIN), Pulsed, 3:1 VSWR,
RX Mode, TBASE = 85 °C
40 dBm
Input Power (PIN), Pulsed, 3:1 VSWR,
TX Mode, TBASE = 85 °C
45 dBm
Mounting Temperature (30 sec)
260 °C
Storage Temperature
−55 to 150 °C
Exceeding any one or a combination of the Absolute Maximum Rating
conditions may cause permanent damage to the device. Extended
application of Absolute Maximum Rating conditions to the device may
reduce device reliability.
Thermal and Reliability Information
Parameter
Test Conditions
Value
Units
Thermal Resistance (θJC) (1,2)
TBASE = 85 °C, VC1 = -30 V, VC2 = 0 V, TX Mode
Pulsed RF: PW = 300µ, DC = 25%
Freq. = 3.0 GHz, PIN = 45 dBm, PDISS = 1.76 W
4.45
ºC/W
Channel Temperature (TCH) (1,2)
93
°C
Thermal Resistance (θJC) (1,2)
TBASE = 85 °C, VC1 = -30 V, VC2 = 0 V, TX Mode
Pulsed RF: PW = 300µ, DC = 25%
Freq. = 10.0 GHz, PIN = 45 dBm, PDISS = 2.0 W
5.0
ºC/W
Channel Temperature (TCH) (1,2)
95
°C
Notes:
1. Measured to the back of the package at (85 °C)
2. Refer to the following document: GaN Device Channel Temperature, Thermal Resistance, and Reliability Estimates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com