Electronic Components Datasheet Search
  English  ▼

X  

QPC2511SR Datasheet(PDF) 21 Page - Qorvo, Inc

Part # QPC2511SR
Description  2.0 – 11.0 GHz 30W GaN SP3T Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPC2511SR Datasheet(HTML) 21 Page - Qorvo, Inc

Back Button QPC2511SR Datasheet HTML 17Page - Qorvo, Inc QPC2511SR Datasheet HTML 18Page - Qorvo, Inc QPC2511SR Datasheet HTML 19Page - Qorvo, Inc QPC2511SR Datasheet HTML 20Page - Qorvo, Inc QPC2511SR Datasheet HTML 21Page - Qorvo, Inc QPC2511SR Datasheet HTML 22Page - Qorvo, Inc QPC2511SR Datasheet HTML 23Page - Qorvo, Inc QPC2511SR Datasheet HTML 24Page - Qorvo, Inc QPC2511SR Datasheet HTML 25Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
QPC2511
2.0 to 11.0 GHz High Power GaN SP3T Switch
Data Sheet Rev B. June 08, 2020 | Subject to change without notice
21 of 25
www.qorvo.com
®
• VC High (1) = 0 V
• VC Low (0) = -22, -24, -26, -28 or -30 V
Bias Up Procedure
1. VC1 or VC2 set to 0 V (see Logic Table for RF Path)
2. VC1 or VC2 set to -30 V (see Logic Table for RF Path)
3. Apply RF signal to RF Input
Bias Up Down
1. Turn off RF supply
2. Turn VC1 or VC2 to 0 V
3. Turn VC1 or VC2 to 0 V
Logic Table (SP3T Truth Table)
RF Path
Operating Mode
State
VC1
VC2
RFC to RF1 ON
10 W RX
On-State (Insertion Loss), TX-S & TX-X = OFF
1
0
RFC to RF2/RF3 ON
30 W TX, S-Band and X-Band
On-State (Insertion Loss), RX = OFF
0
1
Application Circuit
Notes:
1.
This switch can be configured as a Single Pole, Single Throw (SPST) by terminating two unused RF switched ports with a 50
Ohm load.
2.
External components are not required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com