Electronic Components Datasheet Search
  English  ▼

X  

PCK2010RDL Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCK2010RDL
Description  CK98R 100/133MHz RCC spread spectrum system clock generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2010RDL Datasheet(HTML) 5 Page - NXP Semiconductors

  PCK2010RDL Datasheet HTML 1Page - NXP Semiconductors PCK2010RDL Datasheet HTML 2Page - NXP Semiconductors PCK2010RDL Datasheet HTML 3Page - NXP Semiconductors PCK2010RDL Datasheet HTML 4Page - NXP Semiconductors PCK2010RDL Datasheet HTML 5Page - NXP Semiconductors PCK2010RDL Datasheet HTML 6Page - NXP Semiconductors PCK2010RDL Datasheet HTML 7Page - NXP Semiconductors PCK2010RDL Datasheet HTML 8Page - NXP Semiconductors PCK2010RDL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Philips Semiconductors
Product specification
PCK2010R
CK98R (100/133MHz) RCC spread spectrum
system clock generator
1999 Oct 19
5
FUNCTION TABLE
SEL
133/100
SEL1
SEL0
CPU
CPUDIV2
3V66
PCI
48 MHz
REF
IOAPIC
NOTES
0
0
0
HI-Z
HI-Z
HI-Z
HI-Z
HI-Z
HI-Z
HI-Z
1
0
0
1
N/A
N/A
N/A
N/A
N/A
N/A
N/A
2
0
1
0
100 MHz
50 MHz
66 MHz
33 MHz
HI-Z
14.318 MHz
16.67 MHz
3
0
1
1
100 MHz
50 MHz
66 MHz
33 MHz
48 MHz
14.318 MHz
16.67 MHz
4, 7, 8
1
0
0
TCLK/2
TCLK/4
TCLK/4
TCLK/8
TCLK/2
TCLK
TCLK/16
5, 6
1
0
1
N/A
N/A
N/A
N/A
N/A
N/A
N/A
2
1
1
0
133 MHz
66 MHz
66 MHz
33 MHz
HI-Z
14.318 MHz
16.67 MHz
3
1
1
1
133 MHz
66 MHz
66 MHz
33 MHz
48 MHz
14.318 MHz
16.67 MHz
4, 7, 8
NOTES:
1. Required for board level “bed-of-nails” testing.
2. Used to support Intel confidential application.
3. 48 MHz PLL disabled to reduce component jitter. 48 MHz outputs to be held Hi-Z instead of driven to LOW state.
4. “Normal” mode of operation.
5. TCLK is a test clock over driven on the XTALIN input during test mode. TCLK mode is based on 133 MHz CPU select logic.
6. Required for DC output impedance verification.
7. Frequency accuracy of 48 MHz must be +167 PPM to match USB default.
8. Range of reference frequency allowed is MIN = 14.316 MHz, NOMINAL = 14.31818 MHz, MAX = 14.32 MHz
CLOCK OUTPUT
TARGET FREQUENCY (MHz)
ACTUAL FREQUENCY (MHz)
PPM
USBCLK7
48.0
48.008
167
CLOCK ENABLE CONFIGURATION
CPUSTOP
PWRDWN
PCISTOP
CPUCLK
CPUDIV2
APIC
3V66
PCI
PCI_F
REF / 48 MHz
OSC
VCOs
X
0
X
LOW
LOW
LOW
LOW
LOW
LOW
LOW
OFF
OFF
0
1
0
LOW
ON
ON
LOW
LOW
ON
ON
ON
ON
0
1
1
LOW
ON
ON
LOW
ON
ON
ON
ON
ON
1
1
0
ON
ON
ON
ON
LOW
ON
ON
ON
ON
1
1
1
ON
ON
ON
ON
ON
ON
ON
ON
ON
NOTES:
1. LOW means outputs held static LOW as per latency requirement below
2. ON means active.
3. PWRDWN pulled LOW, impacts all outputs including REF and 48 MHz outputs.
4. All 3V66 clocks as well as CPU clocks should stop cleanly when CPUSTOP is pulled LOW.
5. CPUDIV2, IOAPIC, REF, 48 MHz signals are not controlled by the CPUSTOP functionality and are enabled all in all conditions except when
PWRDWN is LOW.
POWER MANAGEMENT REQUIREMENTS
SIGNAL
SIGNAL STATE
LATENCY
SIGNAL
SIGNAL STATE
NO. OF RISING EDGES OF FREE RUNNING PCICLK
CPUSTOP
0 (DISABLED)
1
1 (ENABLED)
1
PCISTOP
0 (DISABLED)
1
1 (ENABLED)
1
PWRDWN
1 (NORMAL OPERATION)
3 ms
0 (POWER DOWN)
2 MAX
NOTES:
1. Clock ON/OFF latency is defined as the number of rising edges of free running PCICLKs between the clock disable goes HIGH/LOW to the
first valid clock that comes out of the device.
2. Power up latency is when PWRDWN goes inactive (HIGH) to when the first valid clocks are driven from the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com