Electronic Components Datasheet Search
  English  ▼

X  

PCK2010RDL Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCK2010RDL
Description  CK98R 100/133MHz RCC spread spectrum system clock generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2010RDL Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCK2010RDL Datasheet HTML 8Page - NXP Semiconductors PCK2010RDL Datasheet HTML 9Page - NXP Semiconductors PCK2010RDL Datasheet HTML 10Page - NXP Semiconductors PCK2010RDL Datasheet HTML 11Page - NXP Semiconductors PCK2010RDL Datasheet HTML 12Page - NXP Semiconductors PCK2010RDL Datasheet HTML 13Page - NXP Semiconductors PCK2010RDL Datasheet HTML 14Page - NXP Semiconductors PCK2010RDL Datasheet HTML 15Page - NXP Semiconductors PCK2010RDL Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Philips Semiconductors
Product specification
PCK2010R
CK98R (100/133MHz) RCC spread spectrum
system clock generator
1999 Oct 19
12
AC WAVEFORMS
VM = 1.25 V @ VDDQ2 and 1.5 V @ VDDQ3
VX = VOL + 0.3 V
VY = VOH –0.3 V
VOL and VOH are the typical output voltage drop that occur with the
output load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com