Electronic Components Datasheet Search
  English  ▼

X  

PCK2010RDL Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCK2010RDL
Description  CK98R 100/133MHz RCC spread spectrum system clock generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2010RDL Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCK2010RDL Datasheet HTML 6Page - NXP Semiconductors PCK2010RDL Datasheet HTML 7Page - NXP Semiconductors PCK2010RDL Datasheet HTML 8Page - NXP Semiconductors PCK2010RDL Datasheet HTML 9Page - NXP Semiconductors PCK2010RDL Datasheet HTML 10Page - NXP Semiconductors PCK2010RDL Datasheet HTML 11Page - NXP Semiconductors PCK2010RDL Datasheet HTML 12Page - NXP Semiconductors PCK2010RDL Datasheet HTML 13Page - NXP Semiconductors PCK2010RDL Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Philips Semiconductors
Product specification
PCK2010R
CK98R (100/133MHz) RCC spread spectrum
system clock generator
1999 Oct 19
10
AC CHARACTERISTICS (Continued)
TEST CONDITIONS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = 0°C to +70°C
UNIT
NOTES
SYMBOL
PARAMETER
Measurement loads
(lumped)
Measure points
MIN
TYP
MAX
UNIT
NOTES
THPOFFSET
CPUCLK to 3V66 CLK,
CPU leads
CPU@20 pF,
3V66@30 pF
CPU@1.25 V,
3V66@1.5 V
0.0
0.45
1.5
ns
1
THPOFFSET
3V66 CLK to PCICLK,
3V66 leads
3V66@30 pF,
PCI@30 pF
3V66@1.5 V,
PCI@1.5 V
1.5
2.0
3.5
ns
1
THPOFFSET
CPUCLK to IOAPIC,
CPU leads
CPU@20 pF,
IOAPIC@20 pF
3CPU@1.25 V,
IOAPIC@1.25 V
1.5
2.4
4.0
ns
1
THPOFFSET
CPUCLK to PCICLK ,
CPU leads
CPU@20 pF
PCI@30 pF
CPU@1.25 V
PCI@1.5 V
1.5
3.8
4.0
ns
THPOFFSET
CPUDIV2 to CPUCLK,
CPUDIV2 leads
CPUDIV2@20 pF
CPU@20 pF
CPUDIV2@
CPU@1.25 V
0.0
1.6
2.5
ns
NOTES:
1. Output drivers must have monotonic rise/fall times through the specified VOL/VOH levels.
2. Period, jitter, offset and skew measured on rising edge @1.25 V for 2.5 V clocks and @ 1.5 V for 3.3 V clocks.
3. The PCICLK is the CPUCLK divided by four at CPUCLK = 133 MHz. The 3V66 CLK is internal VCO frequency divided by three at
CPUCLK = 100 MHz.
4. 3V66 CLK is internal VCO frequency divided by two at CPUCLK = 133 MHz. The 3V66 CLK is internal VCO frequency divided by three at
CPUCLK = 100 MHz.
5. THKH is measured at 2.0 V for 2.5 V outputs, 2.4 V for 3.3 V outputs as shown in Figure 4.
6. THKL is measured at 0.4 V for all outputs as shown in Figure 4.
7. The time is specified from when VDDQ achieves its nominal operating level (typical condition VDDQ = 3.3 V) until the frequency output is
stable and operating within specification.
8. THRISE and THFALL are measured as a transition through the threshold region VOL = 0.4 V and VOH = 2.4 V (1 mA) JEDEC specification.
9. The average period over any 1
µs period of time must be greater than the minimum specified period.
10. Calculated at minimum edge-rate (1V/ns) to guarantee 45/55% duty-cycle. Pulse width is required to be wider at faster edge-rate to ensure
duty-cycle specification is met.
11. Output (see Figure 5 for measure points).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com