Electronic Components Datasheet Search
  English  ▼

X  

1407331 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1407331
Description  SAC-5P- 2,0-28R/FS SCO RAIL - Sensor/actuator cable
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1407331 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1407331 Datasheet HTML 1Page - PHOENIX CONTACT 1407331 Datasheet HTML 2Page - PHOENIX CONTACT 1407331 Datasheet HTML 3Page - PHOENIX CONTACT 1407331 Datasheet HTML 4Page - PHOENIX CONTACT 1407331 Datasheet HTML 5Page - PHOENIX CONTACT 1407331 Datasheet HTML 6Page - PHOENIX CONTACT 1407331 Datasheet HTML 7Page - PHOENIX CONTACT 1407331 Datasheet HTML 8Page - PHOENIX CONTACT 1407331 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Sensor/actuator cable, 5-position, PE-X halogen-free, black, shielded (Tinned copper braided
shield), free cable end, on Socket straight M12 SPEEDCON, coding: A, cable length: 2 m, For
railway applications
Your advantages
Easy and safe: 100 % electrically tested plug-in components
•
Securely locked by special vibration brake
•
Resistant to temperature influences – tested for an extended temperature range and for resistance to temperature shocks
•
Reliable signal transmission – 360° shielding in environments with electromagnetic interference
•
Commercial data
Item number
1407331
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BF03
Product key
BF1CDA
Catalog page
Page 132 (C-4-2013)
GTIN
4046356774475
Weight per piece (including packing)
159.1 g
Weight per piece (excluding packing)
158 g
Customs tariff number
85444290
Country of origin
PL
SAC-5P- 2,0-28R/FS SCO RAIL - Sensor/actuator
cable
1407331
https://www.phoenixcontact.com/us/products/1407331
Mar 8, 2024, 4:10 AM
Page 1 (38)


Similar Part No. - 1407331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407330 PHOENIX-1407330 Datasheet
1Mb / 38P
SAC-5P-MR/10,0-28R SCO RAIL - Sensor/actuator cable
1407332 PHOENIX-1407332 Datasheet
2Mb / 38P
SAC-5P- 5,0-28R/FS SCO RAIL - Sensor/actuator cable
1407333 PHOENIX-1407333 Datasheet
2Mb / 38P
SAC-5P-10,0-28R/FS SCO RAIL - Sensor/actuator cable
1407334 PHOENIX-1407334 Datasheet
2Mb / 38P
SAC-5P- 2,0-28R/FR SCO RAIL - Sensor/actuator cable
1407335 PHOENIX-1407335 Datasheet
2Mb / 38P
SAC-5P- 5,0-28R/FR SCO RAIL - Sensor/actuator cable
More results

Similar Description - 1407331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407787 PHOENIX-1407787 Datasheet
137Kb / 10P
Sensor/Actuator cable - SAC-5P- 1,5-PUR/FS SH SCO
1407788 PHOENIX-1407788 Datasheet
137Kb / 10P
Sensor/Actuator cable - SAC-5P- 3,0-PUR/FS SH SCO
1407790 PHOENIX-1407790 Datasheet
137Kb / 10P
Sensor/Actuator cable - SAC-5P-10,0-PUR/FS SH SCO
1417975 PHOENIX-1417975 Datasheet
100Kb / 5P
Sensor/Actuator cable - SAC-5P- 20,0-542/ FS SCO BK
1400570 PHOENIX-1400570 Datasheet
77Kb / 4P
Sensor/actuator cable - SAC-5P- 2,0-PUR/FS SCO BK
12/03/2018
1407312 PHOENIX-1407312 Datasheet
270Kb / 23P
Sensor/actuator cable - SAC-4P-MS/ 5,0-28R SCO RAIL
09/11/2020
1407314 PHOENIX-1407314 Datasheet
276Kb / 24P
Sensor/actuator cable - SAC-4P-MR/ 2,0-28R SCO RAIL
09/11/2020
1407325 PHOENIX-1407325 Datasheet
271Kb / 23P
Sensor/actuator cable - SAC-5P-MS/ 2,0-28R SCO RAIL
09/11/2020
1407337 PHOENIX-1407337 Datasheet
219Kb / 16P
Sensor/actuator cable - SAC-5P-MS/ 2,0-28R/FS SCO RAIL
09/11/2020
1424957 PHOENIX-1424957 Datasheet
133Kb / 9P
Sensor/actuator cable - SAC-5P- 2,0-547/FS SCO BK
09/11/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com