Electronic Components Datasheet Search
  English  ▼

X  

1407331 Datasheet(PDF) 21 Page - PHOENIX CONTACT

Part # 1407331
Description  SAC-5P- 2,0-28R/FS SCO RAIL - Sensor/actuator cable
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1407331 Datasheet(HTML) 21 Page - PHOENIX CONTACT

Back Button 1407331 Datasheet HTML 17Page - PHOENIX CONTACT 1407331 Datasheet HTML 18Page - PHOENIX CONTACT 1407331 Datasheet HTML 19Page - PHOENIX CONTACT 1407331 Datasheet HTML 20Page - PHOENIX CONTACT 1407331 Datasheet HTML 21Page - PHOENIX CONTACT 1407331 Datasheet HTML 22Page - PHOENIX CONTACT 1407331 Datasheet HTML 23Page - PHOENIX CONTACT 1407331 Datasheet HTML 24Page - PHOENIX CONTACT 1407331 Datasheet HTML 25Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
WMS-2 HF 9,5 (EX16)RL YE - Shrink sleeve
0833245
https://www.phoenixcontact.com/us/products/0833245
Shrink sleeve, Roll, yellow, unlabeled, can be labeled with: THERMOMARK E.
SLEEVE, THERMOMARK E.300 (D)/600 (D), THERMOMARK ROLLMASTER
300/600, THERMOMARK ROLL X1, THERMOMARK ROLL, THERMOMARK
ROLL 2.0, THERMOMARK W, THERMOMARK X1.2, unperforated, mounting
type: slide-on, cable diameter range (automated processing): 4.8 ... 8 mm, cable
diameter range: 4.8 ... 9.5 mm, lettering field size: 16 x 80000 mm, Number of
individual labels: 1, roll length: 80 m
UCT-WMCO 5,4 (23X8) - Wire marking
0832105
https://www.phoenixcontact.com/us/products/0832105
Wire marking, Sheet, white, unlabeled, can be labeled with: TOPMARK NEO,
TOPMARK LASER, BLUEMARK ID COLOR, BLUEMARK ID, BLUEMARK
CLED, THERMOMARK PRIME, THERMOMARK CARD 2.0, THERMOMARK
CARD, mounting type: clip on, cable diameter range: 4.7 ... 5.4 mm, lettering
field size: 23 x 8 mm, Number of individual labels: 18
SAC-5P- 2,0-28R/FS SCO RAIL - Sensor/actuator
cable
1407331
https://www.phoenixcontact.com/us/products/1407331
Mar 8, 2024, 4:10 AM
Page 21 (38)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com