Electronic Components Datasheet Search
  English  ▼

X  

1407331 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 1407331
Description  SAC-5P- 2,0-28R/FS SCO RAIL - Sensor/actuator cable
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1407331 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 1407331 Datasheet HTML 9Page - PHOENIX CONTACT 1407331 Datasheet HTML 10Page - PHOENIX CONTACT 1407331 Datasheet HTML 11Page - PHOENIX CONTACT 1407331 Datasheet HTML 12Page - PHOENIX CONTACT 1407331 Datasheet HTML 13Page - PHOENIX CONTACT 1407331 Datasheet HTML 14Page - PHOENIX CONTACT 1407331 Datasheet HTML 15Page - PHOENIX CONTACT 1407331 Datasheet HTML 16Page - PHOENIX CONTACT 1407331 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
PROT-M12 MS-PA-CHAIN - Screw plug
1430899
https://www.phoenixcontact.com/us/products/1430899
M12 sealing cap with fixing band, for sensor cables, for free M12 sockets
SAC-M12-EXCLIP-F - Locking clip
1558991
https://www.phoenixcontact.com/us/products/1558991
Locking clip for the socket side of sensor/actuator cables with M12 connector
and M12 connectors for assembly, for knurl diameter: 15 mm or for Allen key
with a wrench size of 14 mm, prevents the disconnection of plug-in connections
without tools
SAC-5P- 2,0-28R/FS SCO RAIL - Sensor/actuator
cable
1407331
https://www.phoenixcontact.com/us/products/1407331
Mar 8, 2024, 4:10 AM
Page 13 (38)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com