Electronic Components Datasheet Search
  English  ▼

X  

SI5326 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI5326
Description  ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5326 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI5326 Datasheet HTML 7Page - Silicon Laboratories SI5326 Datasheet HTML 8Page - Silicon Laboratories SI5326 Datasheet HTML 9Page - Silicon Laboratories SI5326 Datasheet HTML 10Page - Silicon Laboratories SI5326 Datasheet HTML 11Page - Silicon Laboratories SI5326 Datasheet HTML 12Page - Silicon Laboratories SI5326 Datasheet HTML 13Page - Silicon Laboratories SI5326 Datasheet HTML 14Page - Silicon Laboratories SI5326 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Si5326
Confidential Rev. 0.2
11
3. Ordering Guide
Ordering Part
Number
Output Clock Frequency
Range
Package
Temperature Range
Si5326A-B-GM
2 kHz–945 MHz
970–1134 MHz
1.213–1.417 GHz
36-Lead 6 x 6 mm QFN
–40 to 85 °C
Si5326B-B-GM
2 kHz–808 MHz
36-Lead 6 x 6 mm QFN
–40 to 85 °C
Si5326C-B-GM
2 kHz–346 MHz
36-Lead 6 x 6 mm QFN
–40 to 85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com