Electronic Components Datasheet Search
  English  ▼

X  

PDIUSBD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PDIUSBD
Description  USB device with serial interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDIUSBD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PDIUSBD Datasheet HTML 3Page - NXP Semiconductors PDIUSBD Datasheet HTML 4Page - NXP Semiconductors PDIUSBD Datasheet HTML 5Page - NXP Semiconductors PDIUSBD Datasheet HTML 6Page - NXP Semiconductors PDIUSBD Datasheet HTML 7Page - NXP Semiconductors PDIUSBD Datasheet HTML 8Page - NXP Semiconductors PDIUSBD Datasheet HTML 9Page - NXP Semiconductors PDIUSBD Datasheet HTML 10Page - NXP Semiconductors PDIUSBD Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Philips Semiconductors
Product specification
PDIUSBD11
USB device with serial interface
1999 Jul 22
7
COMMAND DESCRIPTIONS
Command Procedure
There are three basic types of commands: Initialization, Data Flow,
and General commands. Respectively, these are used to initialize
the function; for data flow between the function and the host; and
some general commands.
Initialization Commands
Initialization commands are used during the enumeration process of
the USB network. These commands are used to enable the function
endpoints. They are also used to set the USB assigned address.
Set Address / Enable
Command
: D1h, (Function)
Data
: Write 1 byte
This command is used to set the USB assigned address and enable
the function.
76
5
4
3
2
0
1
0
0
POWER ON VALUE
ADDRESS
ENABLE
SV00825
00
00
00
Address
The value written becomes the address.
Enable
A ‘1’ enables this function.
Set Endpoint Enable
Command
: D8h
Data
: Write 1 byte
The generic endpoints can only be enabled when the function is
enabled via the Set Address/Enable command.
76
5
4
3
2
0
1
X
0
POWER ON VALUE
RESERVED; WRITE 0
FUNCTION GENERIC ENDPOINTS
XX
XX
XX
RESERVED; WRITE 0
SV00826
Function Generic Endpoint
A value of ‘1’ indicates the
function generic endpoints are
enabled.
Set Mode
Command
: F3h
Data
: Write 2 bytes
The Set Mode command is followed by two data writes. The first
byte contains the configuration byte values. The second byte is the
clock division factor byte.
Configuration Byte
POWER ON VALUE
REMOTE WAKEUP
NO LAZYCLOCK
SV00827
CLOCK RUNNING
DEBUG MODE
SoftConnect
™
RESERVED; WRITE 0
FUTURE MODE
76
5
4
3
2
0
1
1
0
11
X0
1X
Remote Wakeup
A ‘1’ indicates that a remote wakeup feature is
ON. Bus reset will set this bit to ‘1’.
No LazyClock
A ‘1’ indicates that CLKOUT will not switch to
LazyClock. A ‘0’ indicates that the CLKOUT
switches to LazyClock 1ms after the Suspend
pin goes high. LazyClock frequency is 30KHz
±40%. The programmed value will not be
changed by a bus reset.
Clock Running
A ‘1’ indicates that the internal clocks and PLL
are always running even during Suspend state.
A ‘0’ indicates that the internal clock, crystal
oscillator and PLL are stopped whenever not
needed. To meet the strict Suspend current
requirement, this bit needs to be set to ‘0’. The
programmed value will not be changed by a bus
reset.
Debug Mode
A ‘1’ indicates that all errors and “NAKing” are
reported and a ‘0’ indicates that only OK and
babbling are reported. The programmed value
will not be changed by a bus reset.
SoftConnect
™
A ‘1’ indicates that the upstream pull-up resistor
will be connected if VBUS is available. A ‘0’
means that the upstream resistor will not be
connected. The programmed value will not be
changed by a bus reset.
FutureMode
Write a ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com