Electronic Components Datasheet Search
  English  ▼

X  

PDIUSBD Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PDIUSBD
Description  USB device with serial interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDIUSBD Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PDIUSBD Datasheet HTML 7Page - NXP Semiconductors PDIUSBD Datasheet HTML 8Page - NXP Semiconductors PDIUSBD Datasheet HTML 9Page - NXP Semiconductors PDIUSBD Datasheet HTML 10Page - NXP Semiconductors PDIUSBD Datasheet HTML 11Page - NXP Semiconductors PDIUSBD Datasheet HTML 12Page - NXP Semiconductors PDIUSBD Datasheet HTML 13Page - NXP Semiconductors PDIUSBD Datasheet HTML 14Page - NXP Semiconductors PDIUSBD Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Philips Semiconductors
Product specification
PDIUSBD11
USB device with serial interface
1999 Jul 22
11
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VCC
DC supply voltage
3.0
3.6
V
VI
DC input voltage range
0
5.5
V
VI/O
DC input voltage range for I/O
0
5.5
V
VAI/O
DC input voltage range for analog I/O
0
VCC
V
VO
DC output voltage range
0
VCC
V
Tamb
Operating ambient temperature range in free air
See DC and AC characteristics per device
–40
85
°C
ABSOLUTE MAXIMUM RATINGS1
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VCC
DC supply voltage
–0.5
+4.6
V
IIK
DC input diode current
VI < 0
–50
mA
VI
DC input voltage
Note 2
–0.5
+5.5
V
VI/O
DC input voltage range for I/O
–0.5
VCC + 0.5
V
IOK
DC output diode current
VO > VCC or VO < 0
±50
mA
VO
DC output voltage
Note 2
–0.5
VCC + 0.5
V
IO
DC output sink or source current for other pins
VO = 0 to VCC
±15
mA
IO
DC output sink or source current for D+/D– pins
VO = 0 to VCC
±50
mA
IGND, ICC
DC VCC or GND current
±100
mA
TSTG
Storage temperature range
–60
+150
°C
PTOT
Power dissipation per package
NOTES:
1. Stresses beyond those listed may cause damage to the device. These are stress ratings only and functional operation of the device at these
or any other conditions beyond those listed in the RECOMMENDED OPERATING CONDITIONS table is not implied. Exposure to absolute
maximum rated conditions for extended periods may affect device reliability.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
DC CHARACTERISTICS (Digital pins)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Levels
VIL
LOW level input voltage
0.6
V
VIH
HIGH level input voltage
2.7
V
VTLH
LOW to HIGH threshold voltage
ST (Schmitt Trigger) pins
1.4
1.9
V
VTHL
HIGH to LOW threshold voltage
ST pins
0.9
1.5
V
VHYS
Hysteresis voltage
ST pins
0.4
0.7
V
Output Levels
VO
LOW level output voltage
IOL = rated drive
0.4
V
VOL
LOW level output voltage
IOL = 20 µA
0.1
V
VO
HIGH level output voltage
IOH = rated drive
2.4
V
VOH
HIGH level output voltage
IOH = 20 µA
VCC – 0.1
V
Leakage Current
IOZ
OFF state current
OD (Open Drain) pins
±5
µA
IL
Input leakage current
±5
µA
IS
Suspend current
Oscillator stopped &
inputs to GND/VCC
15
µA
IO
Operating current
I2C operating
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com