Electronic Components Datasheet Search
  English  ▼

X  

MXC Datasheet(PDF) 4 Page - Sensata Technologies, Inc.

Part # MXC
Description  600 AMP, 48 VOLT CAN-BUS CONTACTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

MXC Datasheet(HTML) 4 Page - Sensata Technologies, Inc.

  MXC Datasheet HTML 1Page - Sensata Technologies, Inc. MXC Datasheet HTML 2Page - Sensata Technologies, Inc. MXC Datasheet HTML 3Page - Sensata Technologies, Inc. MXC Datasheet HTML 4Page - Sensata Technologies, Inc. MXC Datasheet HTML 5Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4
www.sensata.com www.gigavac.com
Copyright © 2021 Sensata Technologies, Inc.
POWER CIRCUIT AND INSTALLATION
To enable internal 120
GND
VIN
CANL
CANH
AUX
AUX
PCBA/
CONTROL
A2(+)
A1(-)
Pin2(GND)
Pin7(VIN)
COIL
Pin6(CANH)
Pin3(CANL)
Family
MXC1
Rating
5=350A
6=600A
Coil Voltage
B=12 Vdc, Internal Coil Suppression
C=24 Vdc, Internal Coil Suppression
Connector
E=DEUTSCH DT08 CONNECTOR
Auxiliary
B=SPST, NO
X=NONE
Voltage Sensing
V=Sensing
X=None
Example : MXC15BEBV
MXC1
5
B
E
B
V
ORDERING OPTIONS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com