Electronic Components Datasheet Search
  English  ▼

X  

MXC Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # MXC
Description  600 AMP, 48 VOLT CAN-BUS CONTACTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

MXC Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  MXC Datasheet HTML 1Page - Sensata Technologies, Inc. MXC Datasheet HTML 2Page - Sensata Technologies, Inc. MXC Datasheet HTML 3Page - Sensata Technologies, Inc. MXC Datasheet HTML 4Page - Sensata Technologies, Inc. MXC Datasheet HTML 5Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2
www.sensata.com www.gigavac.com
Copyright © 2021 Sensata Technologies, Inc.
Series
15 (350 A)
16 (600 A)
Weight
1.6 lbs, 725 g
2 lbs, 910 g
Shock
20 G
Vibration
15 G
Ambient Temp Range
Operating4
-55 to +85 °C
Storage
-70 to +150 °C
Max Terminal Temperature
125ºC
Environmental Seal
Exceeds IP67 & IP69K
Salt Fog
MIL-STD-810
Series
15 (350 A)
16 (600 A)
Operate Time2
Max
20 ms
Typical
13 ms
Release Time, Max
12 ms
7 ms
Operate (including bounce)
20 ms
Inrush
75 ms
Environmental Specifications
Timing (Max Values @ 25ºC)
Coil Ratings (25˚C, Currents & Power At Nominal V)
Series
15 (350 A)
16 (600 A)
Coil P/N Designation
B
C
B
C
Coil Voltage (Nominal)
12 V
24 V
12 V
24 V
Coil Voltage (Max)
16 V
32 V
16 V
32 V
Coil Voltage (Min)5, 7
9 V
17 V
9 V
17V
Inrush Current (Max)5, 6
3.9 A
1.6 A
3.8 A
1.9 A
Hold Current after Inrush (Max)6
0.23 A
0.097 A
0.64 A
0.32 A
Coil Hold Power (Max)6
2.8 W
2.3 W
7.7 W
7.8 W
Coil Back EMF9
0 V
Transients on Power Pins (2, 7)
+50 V, 13 ms
Vin Power Pins (2, 7) Reverse Polarity (Max)
-80 V
For coil temperature info please see App Note
#8
#9
#12
#13



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com