Electronic Components Datasheet Search
  English  ▼

X  

MXC Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # MXC
Description  600 AMP, 48 VOLT CAN-BUS CONTACTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

MXC Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  MXC Datasheet HTML 1Page - Sensata Technologies, Inc. MXC Datasheet HTML 2Page - Sensata Technologies, Inc. MXC Datasheet HTML 3Page - Sensata Technologies, Inc. MXC Datasheet HTML 4Page - Sensata Technologies, Inc. MXC Datasheet HTML 5Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1
www.sensata.com www.gigavac.com
Copyright © 2021 Sensata Technologies, Inc.
| MXC Smart-Tactor™
600+ AMP, 48 VOLT CAN-BUS CONTACTOR
Contactor with CAN Bus communication reporting current, voltage, temperature, status, cycle count, and more. Other features include overcurrent
trip points, undervoltage and overvoltage setpoints, power-up state, and delay-on break.
• Chassis level power terminals – No need for specially routed power
cables, special bus bars, or unique lugs.
• Rugged ceramic seal rated to 175°C – Reduced risk of fire or meltdown
in over current conditions. The same technology used for advanced
aerospace programs.
• Hermetically sealed gas filled chamber – Designed to meet: UL1604
for Class I & II, Div 2 and Class III for use in hazardous locations, IP67
for temporary water immersion for 30 min, IP69K for pressure washing,
SAE J1171 – external ignition protection, ISO8846 for protection
against ignition around flammable gasses, and MIL-R-6106.
• High Efficiency Dual DC Coils – Very low continuous coil power with no
EMI emissions or crosstalk on your system control power.
• Built-in coil suppression for all DC coils – Eliminates the cost and
engineering time to add external coil suppression.
• Orientation invariant – Can be installed in any orientation without a
reduction in performance
SPECIFICATIONS
Series
15 (350 A)
16 (600 A)
Contact Arrangement
SPST-NO (Form X) – Silver Alloy
Contact Voltage Rating
12-48 V
Insulation Resistance (A1-A2, A1&A2 to controls)
500 V, 100 MΩ (50 MΩ after life)
Dielectric (A1-A2, A1&A2 to controls)
2200 VAC, 60 Hz, leakage <1 mA
Contact Resistance1
Max
0.4 mOhm
0.3 mOhm
Typical
0.15 to 0.3 mOhm
0.11 to 0.2 mOhm
Current (see chart for Temp. derating)
350 A (400 MCM)
600 A (500 MCM)
90s
1000 A
1500 A
10s
2000 A
3000 A
1s
3000 A
4000 A
Series
15 (350 A)
16 (600 A)
Mechanical Life (no load switching)
300,000 cycles
Resistive switching @ 28V
100,000 cycles @ 350 A
100,000 cycles @ 600 A
Fault interrupt (1 cycle)
3000 A
5000 A
Resistive Load Switching
Features
Introduction


Similar Part No. - MXC

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MXC RUBYCON-MXC Datasheet
79Kb / 4P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
MMD Components
MXC MMD-MXC Datasheet
122Kb / 2P
2.0 x 2.5 Ceramic SMD Oscillatorr
logo
Adlink Technology Inc.
MXC-2300 ADLINK-MXC-2300 Datasheet
536Kb / 2P
Embedded Computer
MXC-2300-3E1 ADLINK-MXC-2300-3E1 Datasheet
536Kb / 2P
Embedded Computer
MXC-2300-3S ADLINK-MXC-2300-3S Datasheet
536Kb / 2P
Embedded Computer
More results

Similar Description - MXC

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPQ090 CENTRAL-CPQ090 Datasheet
127Kb / 2P
TRIAC 4.0 Amp, 600 Volt TRIAC Chip
CPQ110 CENTRAL-CPQ110 Datasheet
33Kb / 1P
Triac 8.0 Amp, 600 Volt Triac Chip
CPQ165 CENTRAL-CPQ165 Datasheet
36Kb / 1P
TRIAC 25 Amp, 600 Volt TRIAC Chip
CQ92BT CENTRAL-CQ92BT Datasheet
73Kb / 2P
Triac 12 Amp, 600 Volt Triac Chip
CPQ166 CENTRAL-CPQ166 Datasheet
174Kb / 1P
25 Amp, 600 Volt TRIAC Chip
logo
Sensitron
SHD724401 SENSITRON-SHD724401 Datasheet
66Kb / 2P
600 VOLT 40 AMP IGBT DEVICE
SHD724402 SENSITRON-SHD724402 Datasheet
49Kb / 3P
600 VOLT 40 AMP IGBT DEVICCE
SHD724602 SENSITRON-SHD724602 Datasheet
62Kb / 3P
600 VOLT 70 AMP IGBT DEVICE
logo
Central Semiconductor C...
CPD20-CMR5H-06 CENTRAL-CPD20-CMR5H-06 Datasheet
740Kb / 4P
HyperFast Rectifier Die 5.0 Amp, 600 Volt
R3 27-July 2018
CPD24-1N4946 CENTRAL-CPD24-1N4946 Datasheet
955Kb / 4P
Fast Rectifier Die 1.0 Amp, 600 Volt
R1 26-March 2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com