Electronic Components Datasheet Search
  English  ▼

X  

DL401 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DL401
Description  100 MHz FADC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DL401 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DL401 Datasheet HTML 1Page - List of Unclassifed Manufacturers DL401 Datasheet HTML 2Page - List of Unclassifed Manufacturers DL401 Datasheet HTML 3Page - List of Unclassifed Manufacturers DL401 Datasheet HTML 4Page - List of Unclassifed Manufacturers DL401 Datasheet HTML 5Page - List of Unclassifed Manufacturers DL401 Datasheet HTML 6Page - List of Unclassifed Manufacturers DL401 Datasheet HTML 7Page - List of Unclassifed Manufacturers DL401 Datasheet HTML 8Page - List of Unclassifed Manufacturers DL401 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Manual
DL401
von Walter, Physikalisches Institut, Universität Heidelberg, 27.01.99
Seite: 2
1. FUNKTION
1.1. Übersicht
1.1.1. Anwendung
Driftkammern, Transient Recording
1.1.2. Daten
Parameter
Wert
Kanalzahl
4
Abtastrate / Kanal
≤ 100 MHz
Speichertiefe
1024 Samples
Amplitudenauflösung linear
8 Bit
Amplitudenauflösung nichtlinear
10 Bit
Eingangsempfindlichkeit (im unteren Bereich)
195
µV/LSB
Verstärkung (Anpaßverstärker)
10
Pedestal Korrektur
6 Bit
1.1.3. Besonderheiten
- COMMONSTART
- COMMONSTOP, Addresscounter lesbar
- AUTOSTOP bei Memory Overflow
- START und STOP per Software
- RUN und EOC (EndOfConversion) per Software lesbar
- Multiple Event Speicherung
- Auslese wahlfrei
- 100 MHz Quartzclock wahlweise
1.1.4. Aufbau
DL400 Application-Module, VME-Doppeleuropa, Breite 3TE, Höhe 6HE
1.1.5. Stromversorgung
Spannung
Strom
Leistung
+5V
.45 A
2.15 W
-5.2V
4.6 A
24 W
+12V
0.125 A
1.5 W
-12V
25 mA
.3 W
Gesamt
28.05 W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com