Electronic Components Datasheet Search
  English  ▼

X  

DL401 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DL401
Description  100 MHz FADC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DL401 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DL401 Datasheet HTML 1Page - List of Unclassifed Manufacturers DL401 Datasheet HTML 2Page - List of Unclassifed Manufacturers DL401 Datasheet HTML 3Page - List of Unclassifed Manufacturers DL401 Datasheet HTML 4Page - List of Unclassifed Manufacturers DL401 Datasheet HTML 5Page - List of Unclassifed Manufacturers DL401 Datasheet HTML 6Page - List of Unclassifed Manufacturers DL401 Datasheet HTML 7Page - List of Unclassifed Manufacturers DL401 Datasheet HTML 8Page - List of Unclassifed Manufacturers DL401 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Manual
DL401
von Walter, Physikalisches Institut, Universität Heidelberg, 27.01.99
Seite: 1
DL401
100 MHz FADC
1. Funktion ............................................................................2
1.1. Übersicht..................................................................2
1.1.1. Anwendung .....................................................2
1.1.2. Daten .............................................................2
1.1.3. Besonderheiten..................................................2
1.1.4. Aufbau ...........................................................2
1.1.5. Stromversorgung ...............................................2
1.2. Blockdiagramm...........................................................3
1.3. Funktionsbeschreibung..................................................3
1.4. Steckerbelegungen .......................................................4
1.4.1. P1-VME .........................................................4
1.4.2. P2-VME32/VXI ................................................4
1.4.3. DL400C..........................................................5
2. Betrieb...............................................................................6
2.1. Konfigurierung...........................................................6
2.1.1. Jumper ...........................................................6
2.1.2. SHORT-Adresse................................................6
2.1.3. Interne/Externe Clock ..........................................6
2.1.4. Lineare/Nichtlineare Kennlinie................................6
2.2. Bedienung.................................................................7
2.2.1. Eingangssignale.................................................7
2.2.2. Steuerung........................................................7
2.3. Programmierung .........................................................8
2.3.1. Reset .............................................................8
2.3.2. Initialisierung....................................................8
2.3.3. Speicheraufteilung..............................................9
2.3.4. Speicheraufteilung DL401Z ...................................9
2.3.5. Serial DAC Programmierung..................................9


Similar Part No. - DL401

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DL40 ETC2-DL40 Datasheet
89Kb / 2P
MINI THROUGH BEAM SENSOR with separate amplifier
DL40-F-01M ETC2-DL40-F-01M Datasheet
89Kb / 2P
MINI THROUGH BEAM SENSOR with separate amplifier
DL40-F-11M ETC2-DL40-F-11M Datasheet
89Kb / 2P
MINI THROUGH BEAM SENSOR with separate amplifier
DL40-P-01M ETC2-DL40-P-01M Datasheet
89Kb / 2P
MINI THROUGH BEAM SENSOR with separate amplifier
DL40-P-11M ETC2-DL40-P-11M Datasheet
89Kb / 2P
MINI THROUGH BEAM SENSOR with separate amplifier
More results

Similar Description - DL401

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
LF-402 SIRENZA-LF-402 Datasheet
130Kb / 1P
Wideband RF/Pulse Transformers .01/100 MHz/.01-100 MHz
logo
Cypress Semiconductor
CY2XL11 CYPRESS-CY2XL11_11 Datasheet
287Kb / 9P
100 MHz LVDS Clock Generator Output frequency: 100 MHz
logo
Micronetics, Inc.
NMA2414-A1T MICRONETICS-NMA2414-A1T Datasheet
209Kb / 2P
Legacy 100 MHz to 6000 MHz
NMA2414-A2S MICRONETICS-NMA2414-A2S Datasheet
201Kb / 2P
Legacy 100 MHz to 6000 MHz
NMA2414-A2T MICRONETICS-NMA2414-A2T Datasheet
318Kb / 2P
Legacy 100 MHz to 6000 MHz
NMA2414-B1T MICRONETICS-NMA2414-B1T Datasheet
166Kb / 2P
Legacy 100 MHz to 6000 MHz
NMA2414-B2T MICRONETICS-NMA2414-B2T Datasheet
357Kb / 2P
Legacy 100 MHz to 6000 MHz
logo
KR Electronics, Inc.
2900 KR-2900 Datasheet
35Kb / 2P
100 MHz Center Frequency
3192-2 KR-3192-2 Datasheet
99Kb / 3P
100 MHz to 3000 MHz Bandpass
logo
List of Unclassifed Man...
SDS1000X-E ETC1-SDS1000X-E Datasheet
1Mb / 20P
100 MHz, 200 MHz bandwidth models
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com