Electronic Components Datasheet Search
  English  ▼

X  

CE6353 Datasheet(PDF) 13 Page - Intel Corporation

Part # CE6353
Description  Nordig Unified DVB-T COFDM Terrestrial Demodulator for PC-TV and Hand-held Digital TV (DTV)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CE6353 Datasheet(HTML) 13 Page - Intel Corporation

Back Button CE6353 Datasheet HTML 9Page - Intel Corporation CE6353 Datasheet HTML 10Page - Intel Corporation CE6353 Datasheet HTML 11Page - Intel Corporation CE6353 Datasheet HTML 12Page - Intel Corporation CE6353 Datasheet HTML 13Page - Intel Corporation CE6353 Datasheet HTML 14Page - Intel Corporation CE6353 Datasheet HTML 15Page - Intel Corporation CE6353 Datasheet HTML 16Page - Intel Corporation CE6353 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
CE6353
Data Sheet
13
Intel Corporation
2.9
Common Phase Error Correction
This module subtracts the common phase offset from all the carriers of the OFDM signal to minimize the effect of
the tuner phase noise on system performance.
2.10
Channel Equalization
This consists of two parts. The first part involves estimating the channel frequency response from pilot information.
Efficient algorithms have been used to track time-varying channels with a minimum of hardware.
The second part involves applying a correction to the data carriers based on the estimated frequency response of
the channel. This module also generates dynamic channel state information (CSI) for every carrier in every symbol.
2.11
Impulse Filtering
CE6353 contains several mechanisms to reduce the impact of impulse noise on system performance.
2.12
Transmission Parameter Signalling (TPS)
An OFDM frame consists of 68 symbols and a superframe is made up of four such frames. There is a set of TPS
carriers in every symbol and all these carry one bit of TPS. These bits, when combined, include information about
the transmission mode, guard ratio, constellation, hierarchy and code rate, as defined in ETS 300 744. In addition,
the first eight bits of the cell identifier are contained in even frames and the second eight bits of the cell identifier are
in odd frames. The TPS module extracts all the TPS data, and presents these to the host processor in a structured
manner.
2.13
De-Mapper
This module generates soft decisions for demodulated bits using the channel-equalized in-phase and quadrature
components of the data carriers as well as per-carrier channel state information (CSI). The de-mapping algorithm
depends on the constellation (QPSK, 16QAM or 64QAM) and the hierarchy (
α = 0, 1, 2 or 4). Soft decisions for both
low- and high-priority data streams are generated.
2.14
Symbol and Bit De-Interleaving
The OFDM transmitter interleaves the bits within each carrier and also the carriers within each symbol. The de-
interleaver modules consist largely of memory to invert these interleaving functions and present the soft decisions
to the FEC in the original order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com