Electronic Components Datasheet Search
  English  ▼

X  

CE6353 Datasheet(PDF) 22 Page - Intel Corporation

Part # CE6353
Description  Nordig Unified DVB-T COFDM Terrestrial Demodulator for PC-TV and Hand-held Digital TV (DTV)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CE6353 Datasheet(HTML) 22 Page - Intel Corporation

Back Button CE6353 Datasheet HTML 18Page - Intel Corporation CE6353 Datasheet HTML 19Page - Intel Corporation CE6353 Datasheet HTML 20Page - Intel Corporation CE6353 Datasheet HTML 21Page - Intel Corporation CE6353 Datasheet HTML 22Page - Intel Corporation CE6353 Datasheet HTML 23Page - Intel Corporation CE6353 Datasheet HTML 24Page - Intel Corporation CE6353 Datasheet HTML 25Page - Intel Corporation CE6353 Datasheet HTML 26Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
CE6353
Data Sheet
22
Intel Corporation
4.3
DC Electrical Characteristics
4.4
Crystal Specification and External Clocking
Parallel resonant fundamental frequency (preferred)
20.4800 MHz
Tolerance over operating temperature range
± 150 ppm
Tolerance overall
± 200 ppm
Typical load capacitance
27 pF
Drive level
0.4 mW max
Equivalent series resistance
<25
Ω
DC Electrical Characteristics
Parameter
Conditions
Pins
Symbol
Min.
Typ.
Max.
Unit
Operating
voltage
periphery
VDD
3.0
3.3
3.6
V
core
CVDD
1.62
1.8
1.98
V
Supply current 1
1. Current given is for optimum performance, lower current is possible with reduced performance.
1.62>CVDD>1.98
IDDCORE
170
mA
Supply current sleep mode
300
μA
Outputs
Output levels
IOH 2mA
3.0>VDD>3.6
MDO(7:0), MOVAL,
MOSTRT, MOCLK,
STATUS, BKERR
VOH
2.4
V
IOL 2mA
3.0>VDD>3.6
VOL
0.4
V
IOL 6mA
3.0>VDD>3.6
GPP(3:0), DATA1,
AGC1, AGC2, IRQ
VOL
0.4
V
Output capacitance
Not including track MDO(7:0), MOVAL,
MOSTRT, MOCLK,
STATUS, BKERR
3.0
pF
GPP(3:0), DATA1,
AGC1, AGC2,IRQ
3.6
pF
Output leakage (tri-state)
1
μA
Inputs
Input levels
3.0>VDD>3.6
-0.5
≥ Vin ≥
VDD+0.5V
MICLK, SADD(4:0)
SLEEP, OSCMODE
VIH
2.0
V
Input levels
3.0>VDD>3.6
-0.5
≥ Vin ≥ +5.5V
GPP(3:0), CLK1,
DATA1, RESET
VIH
2.0
V
Input levels
3.0>VDD>3.6
Capacitances do
not include track
All inputs
VIL
0.8
V
Input leakage Current
SLEEP, SMTEST,
MICLK, CLK1,
OSCMODE
±1
μA
Input capacitance
1.8
pF
Input capacitance
SADD(4:0), DATA1,
GPP(3:0)
3.6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com