Electronic Components Datasheet Search
  English  ▼

X  

6284US Datasheet(PDF) 1 Page - Belden Inc.

Part # 6284US
Description  PTZ, #23-2pr, #16-2c, CMP, Siamese
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

6284US Datasheet(HTML) 1 Page - Belden Inc.

  6284US Datasheet HTML 1Page - Belden Inc. 6284US Datasheet HTML 2Page - Belden Inc. 6284US Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: 6284US
PTZ, #23-2pr, #16-2c, CMP, Siamese
Product Description
PTZ (Control + Power) Cable, Plenum-CMP, 2-24 AWG solid bare copper pairs with FEP insulation, 2-16 AWG stranded bare copper conductors with
Flamarrest® insulation, Siamese Flamarrest® jacket
Technical Specifications
Product Overview
Suitable Applications:
Surveillance, CCTV Camera, PTZ (Pan-Tilt-Zoom), UTP-CCTV
Patent:
This product has one or more applicable patents. More information on patents can be found at https://www.belden.com/patents.
Physical Characteristics (Overall)
Conductor
Element
AWG Stranding
Material
Nominal Diameter No. of Conductors No. of Pairs
Cat 5e Pair 24
Solid
BC - Bare Copper
0.021 in
2
Pair1
16
19x29
TC - Tinned Copper 0.059 in
2
Conductor Count:
6
Total Number of Pairs:
2
Insulation
Element
Material
Nominal Diameter
Cat 5e Pair FEP - Fluorinated Ethylene Propylene 0.035 in
Pair1
PVC - Polyvinyl Chloride
0.077 in
Color Chart
Number
Color
Cat 5e Pair1 Blue and White/Blue
Cat 5e Pair2 Orange and White/Orange
Pair1
Black & Red
Inner Shield
Element
Material
Cat 5e Pair No Shield
Pair1
No Shield
Outer Shield
Material
No Shield
Outer Jacket
Material
Material Trade Name Nominal Diameter Nominal Wall Thickness
PVC - Polyvinyl Chloride Flamarrest®
0.183 x 0.368 in
0.016 in
Electrical Characteristics
Conductor DCR
Element
Max. Conductor DCR Max. DCR Unbalance Nominal Conductor DCR


Similar Part No. - 6284US

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6284UE BELDEN-6284UE Datasheet
147Kb / 3P
PTZ, #23-2pr, #16-2c, CMP
12-12-2023
6284UE-0091000 BELDEN-6284UE-0091000 Datasheet
147Kb / 3P
PTZ, #23-2pr, #16-2c, CMP
12-12-2023
6284UE-009500 BELDEN-6284UE-009500 Datasheet
147Kb / 3P
PTZ, #23-2pr, #16-2c, CMP
12-12-2023
6284UE-0101000 BELDEN-6284UE-0101000 Datasheet
147Kb / 3P
PTZ, #23-2pr, #16-2c, CMP
12-12-2023
6284UE-010500 BELDEN-6284UE-010500 Datasheet
147Kb / 3P
PTZ, #23-2pr, #16-2c, CMP
12-12-2023
More results

Similar Description - 6284US

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C3169 GENERAL-C3169 Datasheet
73Kb / 1P
2C 16 19/.0117 BC OAS FLEX PVDF TYPE CL2P / CMP
C3193 GENERAL-C3193 Datasheet
73Kb / 1P
2C 16 19/.0117 BC FLEX PVDF TYPE CL2P / CMP
logo
Belden Inc.
DEIP162U BELDEN-DEIP162U Datasheet
225Kb / 2P
Indoor Digital Electricity Copper Cable, #16-2pr, TC, LS-PVC, CMP, LS-PVC Jkt
DHIP162U3B02C BELDEN-DHIP162U3B02C Datasheet
222Kb / 2P
Indoor Digital Electricity Hybrid Cable, OM3, 2 Breakout Fibers, #16-2pr, CMP-OF
DHIP162U3D06J BELDEN-DHIP162U3D06J Datasheet
221Kb / 2P
Indoor Digital Electricity Hybrid Cable, OM3, 6 Distribution Fibers, #16-2pr, CMP-OF
DHIP162U4B02C BELDEN-DHIP162U4B02C Datasheet
221Kb / 2P
Indoor Digital Electricity Hybrid Cable, OM4, 2 Breakout Fibers, #16-2pr, CMP-OF
DHIP162U4D06J BELDEN-DHIP162U4D06J Datasheet
221Kb / 2P
Indoor Digital Electricity Hybrid Cable, OM4, 6 Distribution Fibers, #16-2pr,CMP-OF
DHIP162USB02C BELDEN-DHIP162USB02C Datasheet
222Kb / 2P
Indoor Digital Electricity Hybrid Cable, OS2, 2 Breakout Fibers, #16-2pr,CMP-OF
DHIP162USD06J BELDEN-DHIP162USD06J Datasheet
219Kb / 2P
Indoor Digital Electricity Hybrid Cable, OS2, 6 Distribution Fibers, #16-2pr, CMP-OF
HI3B0020216PC BELDEN-HI3B0020216PC Datasheet
131Kb / 2P
Indoor Hybrid Copper-Fiber Cable, OM3, 2 Breakout Fibers, #16-2c, CMP-OF
04-08-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com