Electronic Components Datasheet Search
  English  ▼

X  

6284US Datasheet(PDF) 3 Page - Belden Inc.

Part # 6284US
Description  PTZ, #23-2pr, #16-2c, CMP, Siamese
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

6284US Datasheet(HTML) 3 Page - Belden Inc.

  6284US Datasheet HTML 1Page - Belden Inc. 6284US Datasheet HTML 2Page - Belden Inc. 6284US Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
EU CE Mark:
Yes
MII Order #39 (China RoHS):
Yes
Suitability
Suitability - Indoor:
Yes
Flammability, LS0H, Toxicity Testing
CSA/C(UL) Flammability:
FT6
UL Flammability:
NFPA 262
UL voltage rating:
300 V RMS
Plenum/Non-Plenum
Plenum (Y/N):
Yes
Related Part Numbers
Non-Plenum Number:
5284US
Variants
Item #
Color
UPC
6284US 010500
Black
612825174615
6284US 0091000 White
612825174592
6284US 009500
White
612825174608
Footnote:
C - CRATE REEL PUT-UP.
Product Notes
Notes:
Overall jacket sequentially marked.
History
Update and Revision:
Revision Number: 0.333 Revision Date: 12-12-2023
© 2024 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com