Electronic Components Datasheet Search
  English  ▼

X  

6284US Datasheet(PDF) 2 Page - Belden Inc.

Part # 6284US
Description  PTZ, #23-2pr, #16-2c, CMP, Siamese
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

6284US Datasheet(HTML) 2 Page - Belden Inc.

  6284US Datasheet HTML 1Page - Belden Inc. 6284US Datasheet HTML 2Page - Belden Inc. 6284US Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Cat 5e Pair 28.5902 Ohm/1000ft
5 %
93.8 Ohm/km
Pair1
45 Ohm/km
14.8 Ohm/km
Capacitance
Element
Cat 5e Pair
Pair1
Delay
Element
Max. Delay Max. Delay Skew Nominal Velocity of Propagation (VP) [%]
Cat 5e Pair 45 ns/ft
70 ns/100m
70%
High Frequency
Frequency
[MHz]
Max. Insertion Loss (Attenuation) Min. PSNEXT [dB] Min. PSACR [dB] Min. PSACRF (PSELFEXT) [dB] Min. RL (Return Loss) [dB] Max./Min. Fitted Impedance
1 MHz
2 dB/100m
62 dB
60 dB
61 dB
20 dB
100 ± 15%
4 MHz
4.1 dB/100m
53 dB
49 dB
49 dB
23 dB
100 ± 15%
8 MHz
5.8 dB/100m
48 dB
43 dB
43 dB
24.5 dB
100 ± 15%
10 MHz
6.5 dB/100m
47 dB
41 dB
41 dB
25 dB
100 ± 15%
16 MHz
8.2 dB/100m
44 dB
36 dB
37 dB
25 dB
100 ± 15%
20 MHz
9.3 dB/100m
42 dB
34 dB
35 dB
25 dB
100 ± 15%
25 MHz
10.4 dB/100m
41 dB
31 dB
33 dB
24.3 dB
100 ± 15%
31.25 MHz
11.7 dB/100m
39 dB
28 dB
31 dB
23.6 dB
100 ± 15%
62.5 MHz
17 dB/100m
35 dB
19 dB
24 dB
21.5 dB
100 ± 15%
100 MHz
22 dB/100m
32 dB
11 dB
21 dB
20.1 dB
100 ± 15%
Current
Element
Cat 5e Pair
Pair1
Voltage
UL Voltage Rating
300 V RMS
Electrical Characteristics Notes:
Maximum DCR Unbalance for Pair @ 20°C: 5%
Temperature Range
Installation Temperature Range:
0°C To +75°C
UL Temp Rating:
75°C
Operating Temperature Range:
-10°C To +75°C
Separation Temp Range:
0°C To +75°C
Mechanical Characteristics
Bulk Cable Weight:
45 lbs/1000ft
Max. Pull Tension:
100 lbs
Standards
NEC Articles:
Article 800
NEC/(UL) Compliance:
CMP
CEC/C(UL) Compliance:
CMP
ISO/IEC Compliance:
ISO/IEC 11801, Category 5e for data pairs
Other Standards:
ISO/IEC 11801, Category 5e
Applicable Environmental and Other Programs
Environmental Space:
Indoor - Plenum
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2003/11/EC (BFR):
Yes
EU Directive 2011/65/EU (RoHS 2):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU (RoHS 2 amendment):
Yes
EU Directive Compliance:
Yes



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com