Electronic Components Datasheet Search
  English  ▼

X  

253 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 253
Description  2/2-Way Solenoid Valve
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

253 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  253 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 253 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 253 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 253 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Circuit
Orifice
Flow Rate
Port
Pressure
Body
Seal
Weight
Voltage/
Order-No.
Function
Water
Air
Connection
Range
Material
Material
Frequency
DN
Kv-Value
QNn
[mm]
[m3/h]
[l/min]
[ISO 228]
[bar]
[kg]
[V/Hz]
A
02,0
0,12
140
G 1/4
0- 6
Brass
PTFE
0,33
024/=
023 096 G
03,0
0,23
240
G 1/4
0- 6
Brass
PTFE
0,33
024/50
020 598 V1)
024/50
018 242 H
0- 3
Brass
PTFE
0,33
024/=
018 285 V
0- 6
Brass
PTFE
0,33
110/50
018 014 Q
230/50
068 579 M
240/50
018 013 P
Ordering Chart (Other Versions on Request)
1) Without cable plug
2/2-Way Solenoid Valve, Direct-acting
Type 253
In case of special requirements
We reserve the right to make technical
710-GB/ 2-0085
please consult for advice.
changes without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com