Electronic Components Datasheet Search
  English  ▼

X  

253 Datasheet(PDF) 2 Page - Christian Bürkert GmbH & Co. KG

Part # 253
Description  2/2-Way Solenoid Valve
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

253 Datasheet(HTML) 2 Page - Christian Bürkert GmbH & Co. KG

  253 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 253 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 253 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 253 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Operating Data (Actuator)
Operating Data (Valve)
Operating voltages
24, 110, 230, 240 V/50 Hz
24 V/=
Voltage tolerance
±10 %
Power consumption
AC
21 VA (inrush)
14 VA/8 W (hold)
DC
8 W
Duty cycle
100 % continuously operated
Cycling rate
approx. 1000 c.p.m.
Rating
cable plug or cable IP65
Circuit Function
A 2/2-way valve,
normally closed
Body Material
Brass body, seat 1.4305 (DN 2), 1.4112 (DN 3)
Valve internals 1.4105, 1.4571
Specifications
Orifice
Kv-Value
QNn-Value
Pressure Range
Weight
DN
Water
Air
AC
DC
[mm]
[m3/h]
[l/min]
[bar]
[bar]
[kg]
2
0,120
140
-
0- 6
0,33
3
0,230
240
0- 6
0- 3
0,33
All pressures quoted are gauge pressures with respect to the prevailing atmospheric pressure.
Installation /Accessories
Installation
as required, but preferably
with solenoid system upright
Electrical connection
• cable plug for 7 mm ø cable
(supplied as standard)
• moulded-in, temperature
resistant cable (on request).
Seal Materials/Fluids Handled/Temp.- Range
PTFE
Hot water, steam alkaline washing and
bleaching lyes, hot oils, carbon hydroxide
- 40 to +180
°C
For more detailed information see resistance chart
(Leaflet No.1896009).
Max. ambient temperature
+55
°C
Max. viscosity
21 mm2/s
Response times
opening:
20 ms
closing:
30 ms
Times measured at the outlet port A on energizing/de-
energizing until attainment of pressure rise to 90 % /
pressure drop to 10 % at a working pressure of 6 bar.
Port connection
G 1/4
2/2-Way Solenoid Valve, Direct-acting
Type 253



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com