Electronic Components Datasheet Search
  English  ▼

X  

253 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 253
Description  2/2-Way Solenoid Valve
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

253 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  253 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 253 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 253 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 253 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2/2-Way Solenoid Valve
Type 253
Advantages/Benefits
Normally closed
Body material: Brass
Compact design
Fluid temperatures up to
180
°C
Coil replacement does not
require fluid to be isolated
Applications
• Neutral gases and liquids,
pneumatic control
• High temperatures, such as
hot water, steam, hot air,
thermal oils
• Heating
• Sterilizing
• Impregnating
Design/Function
Type 253 is a 2/2 normally-closed
plunger-type solenoid valve. When
energized, the solenoid armature is
pulled-in against a spring and the
valve opens.
Direct-acting, G 1/4
As a standard feature, the valve seat
is made of stainless steel in order to
avoid erosion.
The solenoid epoxy encapsulation
efficiently dissipates the heat gene-
rated by the coil.
Fluid Control Systems


Similar Part No. - 253

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
253 CTS-253 Datasheet
4Mb / 2P
Two Axis, Ministick Controller With Optional Momentary Switch
logo
Marl International Limi...
253 MARL-253 Datasheet
275Kb / 5P
Direct replacement for T2 BA7s
logo
List of Unclassifed Man...
253 ETC2-253 Datasheet
335Kb / 1P
T-1 3/4 STANDARD MIDGET GROOVE
logo
Littelfuse
253 LITTELFUSE-253 Datasheet
864Kb / 4P
Axial Lead & Cartridge Fuses
logo
3M Electronics
253 3M-253 Datasheet
14Kb / 2P
Silicone Splicing Tape
05-May-2002
More results

Similar Description - 253

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V365-V06C ETC-V365-V06C Datasheet
57Kb / 2P
3/2 - MICRO SOLENOID VALVE - Normally closed (N.C.)
logo
Amphenol Corporation
AT04-2P AMPHENOL-AT04-2P Datasheet
524Kb / 1P
Recpt, 2 Way
logo
Innovative Power Produc...
IPP-1025 IPP-IPP-1025 Datasheet
64Kb / 1P
OUTLINE 2 WAY
IPP-1141 IPP-IPP-1141 Datasheet
63Kb / 1P
OUTLINE 2 WAY
IPP-1188 IPP-IPP-1188 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1217 IPP-IPP-1217 Datasheet
61Kb / 1P
OUTLINE 2-WAY
IPP-1228 IPP-IPP-1228 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1241 IPP-IPP-1241 Datasheet
64Kb / 1P
OUTLINE 2-WAY
IPP-5006 IPP-IPP-5006 Datasheet
52Kb / 1P
OUTLINE 2-WAY
logo
Pulse A Technitrol Comp...
CX4002LNL PULSE-CX4002LNL Datasheet
300Kb / 2P
SPLITTER, 2-WAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com