Electronic Components Datasheet Search
  English  ▼

X  

TAS5162DDVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5162DDVR
Description  2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5162DDVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5162DDVR Datasheet HTML 4Page - Texas Instruments TAS5162DDVR Datasheet HTML 5Page - Texas Instruments TAS5162DDVR Datasheet HTML 6Page - Texas Instruments TAS5162DDVR Datasheet HTML 7Page - Texas Instruments TAS5162DDVR Datasheet HTML 8Page - Texas Instruments TAS5162DDVR Datasheet HTML 9Page - Texas Instruments TAS5162DDVR Datasheet HTML 10Page - Texas Instruments TAS5162DDVR Datasheet HTML 11Page - Texas Instruments TAS5162DDVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
AUDIO SPECIFICATIONS (BTL)
AUDIO SPECIFICATIONS (Single-Ended Output)
TAS5162
SLES194C – OCTOBER 2006 – REVISED MAY 2007
MIN
TYP
MAX
UNIT
PVDD_X
Half-bridge supply
DC supply voltage
0
50
52.5
V
Supply for logic regulators and gate-drive
GVDD_X
DC supply voltage
10.8
12
13.2
V
circuitry
VDD
Digital regulator input
DC supply voltage
10.8
12
13.2
V
RL (BTL)
4.6
6-8
Output filter: L = 10
µH, C = 470 nF.
RL (SE)
Load impedance
Output AD modulation, switching
2.5
3-8
Ω
frequency > 350 kHz
RL (PBTL)
4-8
LOutput (BTL)
5
10
Minimum output inductance under
LOutput (SE)
Output-filter inductance
5
10
µH
short-circuit condition
LOutput (PBTL)
5
10
FPWM
PWM frame rate
192
384
432
kHz
TJ
Junction temperature
0
125
°C
PVDD_X = 50 V, GVDD = VDD = 12 V, BTL mode, R
L = 6 Ω, ROC = 22 KΩ, audio frequency = 1 kHz, AES17 filter, FPWM =
384 kHz, case temperature = 75
°C, unless otherwise noted. Audio performance is recorded as a chipset, using TAS5508
PWM processor with an effective modulation index limit of 96.1%. All performance is in accordance with recommended
operating conditions unless otherwise specified.
TAS5162
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
RL = 4 Ω, 10% THD, clipped input
160
signal (PVDD = 38.5 Volts)
RL = 6 Ω, 10% THD, clipped input
210
signal
RL = 8 Ω, 10% THD, clipped input
160
W
signal
PO
Power output per channel, DKD package
RL = 4 Ω, 0 dBFS, unclipped input
120
signal (PVDD = 38.5 Volts)
RL = 6 Ω, 0 dBFS, unclipped input
165
signal
RL = 8 Ω, 0 dBFS, unclipped input
125
signal
0 dBFS
0.2%
THD+N
Total harmonic distortion + noise
1 W
0.09%
Vn
Output integrated noise
A-weighted, TAS5508 Modulator
140
µV
A-Weighted, TAS5518 Modulator
85
SNR
Signal-to-noise ratio (1)
A-weighted, TAS5508 Modulator
102
dB
A-weighted, TAS5518 Modulator
112
A-weighted, input level = –60 dBFS
102
using TAS5508 modulator
DNR
Dynamic range
dB
A-weighted, input level = –60 dBFS
112
using TAS5518 modulator
Pidle
Power dissipation due to idle losses (IPVDD_X)
PO = 0 W, 4 channels switching(2)
2.5
W
(1)
SNR is calculated relative to 0-dBFS input level.
(2)
Actual system idle losses are affected by core losses of output inductors.
PVDD_X = 50 V, GVDD = VDD = 12 V, SE mode, R
L = 3 Ω, ROC = 22 KΩ, audio frequency = 1 kHz, AES17 filter, FPWM =
384 kHz, case temperature = 75
°C, unless otherwise noted. Audio performance is recorded as a chipset, using TAS5086
PWM processor with an effective modulation index limit of 96.1%. All performance is in accordance with recommended
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com