Electronic Components Datasheet Search
  English  ▼

X  

TAS5162DDVR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5162DDVR
Description  2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5162DDVR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TAS5162DDVR Datasheet HTML 8Page - Texas Instruments TAS5162DDVR Datasheet HTML 9Page - Texas Instruments TAS5162DDVR Datasheet HTML 10Page - Texas Instruments TAS5162DDVR Datasheet HTML 11Page - Texas Instruments TAS5162DDVR Datasheet HTML 12Page - Texas Instruments TAS5162DDVR Datasheet HTML 13Page - Texas Instruments TAS5162DDVR Datasheet HTML 14Page - Texas Instruments TAS5162DDVR Datasheet HTML 15Page - Texas Instruments TAS5162DDVR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
www.ti.com
0
20
40
60
80
100
120
140
160
180
200
220
240
10
120
20
30
40 50
60
70
80
90 100 110
T -CaseTemperature(BTL)-°C
C
4 W
6 W
T =75°C,
DigitalGain=2.5dB
C
8 W
0
52
4
8
12
16
20
24
28
32
36
40
44
48
0
420
40
80 120 160 200 240 280 320 360 400
P
-OutputPower-W
O
4 W
6 W
T =75°C,
DigitalGain=2.5dB
C
8 W
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
0
2k
4k
6k
8k 10k 12k 14k 16k 18k 20k 22k
f-Frequency-Hz
T =75°C,
V
=31.71V
C
ref
TAS5162
SLES194C – OCTOBER 2006 – REVISED MAY 2007
TYPICAL CHARACTERISTICS, BTL CONFIGURATION (continued)
SYSTEM POWER LOSS
SYSTEM OUTPUT POWER
vs
vs
OUTPUT POWER
CASE TEMPERATURE
Figure 5.
Figure 6.
NOISE AMPLITUDE
vs
FREQUENCY
Figure 7.
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com