Electronic Components Datasheet Search
  English  ▼

X  

TSC2007 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2007
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2007 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TSC2007 Datasheet HTML 30Page - Texas Instruments TSC2007 Datasheet HTML 31Page - Texas Instruments TSC2007 Datasheet HTML 32Page - Texas Instruments TSC2007 Datasheet HTML 33Page - Texas Instruments TSC2007 Datasheet HTML 34Page - Texas Instruments TSC2007 Datasheet HTML 35Page - Texas Instruments TSC2007 Datasheet HTML 36Page - Texas Instruments TSC2007 Datasheet HTML 37Page - Texas Instruments TSC2007 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
Device
Package Pins
Site
Reel
Diameter
(mm)
Reel
Width
(mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TSC2007IPWR
PW
16
MLA
330
12
7.0
5.6
1.6
8
12
Q1
TSC2007IYZGR
YZG
12
UNITIVE
177
8
1.65
1.65
0.71
4
8
Q1
TSC2007IYZGT
YZG
12
UNITIVE
177
8
1.65
1.65
0.71
4
8
Q1
TAPE AND REEL BOX INFORMATION
Device
Package
Pins
Site
Length (mm)
Width (mm)
Height (mm)
TSC2007IPWR
PW
16
MLA
342.9
336.6
20.6
TSC2007IYZGR
YZG
12
UNITIVE
195.2
193.7
34.9
TSC2007IYZGT
YZG
12
UNITIVE
195.2
193.7
34.9
PACKAGE MATERIALS INFORMATION
www.ti.com
21-May-2007
Pack Materials-Page 2
TAPE AND REEL INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com