Electronic Components Datasheet Search
  English  ▼

X  

TSC2007 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2007
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2007 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TSC2007 Datasheet HTML 16Page - Texas Instruments TSC2007 Datasheet HTML 17Page - Texas Instruments TSC2007 Datasheet HTML 18Page - Texas Instruments TSC2007 Datasheet HTML 19Page - Texas Instruments TSC2007 Datasheet HTML 20Page - Texas Instruments TSC2007 Datasheet HTML 21Page - Texas Instruments TSC2007 Datasheet HTML 22Page - Texas Instruments TSC2007 Datasheet HTML 23Page - Texas Instruments TSC2007 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
www.ti.com
Preprocessing
7Acquired
Data
7
7m asu
e
rementsinput
intotemporaryarray
Sortby
descendingorder
7
Averagingoutp t
u
fromwindowof3
3
TSC2007
SBAS405 – MARCH 2007
OVERVIEW (continued)
The TSC2007 has a combined MAV filter (median value filter and averaging filter).
MAV Filter
In case the acquired signal source is noisy because of the digital switching circuit, it may necessary to evaluate
the data without noise. In this case, the median value filter operation helps remove the noise. The array of seven
converted results is sorted first. The middle three values are then averaged to produce the output value of the
MAV filter.
The MAV filter is applied to all measurments for all analog inputs including the touch screen inputs, temperature
measurements TEMP1 and TEMP2, and auxiliary input AUX. To shorten the conversion time, the MAV filter may
be bypassed though the setup command; see Table 3 and Table 4.
Figure 28. MAV Filter Operation
20
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com