Electronic Components Datasheet Search
  English  ▼

X  

TSC2007 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2007
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2007 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TSC2007 Datasheet HTML 20Page - Texas Instruments TSC2007 Datasheet HTML 21Page - Texas Instruments TSC2007 Datasheet HTML 22Page - Texas Instruments TSC2007 Datasheet HTML 23Page - Texas Instruments TSC2007 Datasheet HTML 24Page - Texas Instruments TSC2007 Datasheet HTML 25Page - Texas Instruments TSC2007 Datasheet HTML 26Page - Texas Instruments TSC2007 Datasheet HTML 27Page - Texas Instruments TSC2007 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
www.ti.com
DIGITAL INTERFACE
ADDRESS BYTE
COMMAND BYTE
TSC2007
SBAS405 – MARCH 2007
The TSC2007 has a 7-bit slave address word. The first five bits (MSBs) of the slave address are factory-preset
to comply with the I2C standard for A/D converters and are always set at '10010'. The logic state of the address
input pins (A1-A0) determine the two LSBs of the device address to activate communication. Therefore, a
maximum of four devices with the same preset code can be connected on the same bus at one time.
The A1-A0 address inputs are read whenever an address byte is received, and should be connected to the
supply (VDD), or the ground (GND). The slave address is latched into the TSC2007 on the falling edge of SCL
after the read/write bit has been received by the slave.
The last bit of the address byte (R/W) defines the operation to be performed. When set to a '1', a read operation
is selected; when set to a ‘0’, a write operation is selected. Following the START condition, the TSC2007
monitors the SDA bus, checking the device type identifier being transmitted. Upon receiving the '10010' code,
the appropriate device select bits, and the R/W bit, the slave device outputs an acknowledge signal on the SDA
line.
Table 1. I2C Slave Address Byte
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
1
0
0
1
0
A1
A0
R/W
Bit D0: R/W
1: I2C master read from TSC (I2C read addressing).
0: I2C master write to TSC (I2C write addressing).
Table 2. Command Byte Definition (Excluding the Setup Command)(1)
BIT
NAME
DESCRIPTION
D7-D4
C3-C0
All Converter Function Select bits as detailed in Table 3, except for the setup command ('1011').
00: Power down between cycles. PENIRQ enabled.
01: A/D converter on. PENIRQ disabled.
D3-D2
PD1-PD0
10: A/D converter off. PENIRQ enabled.
11: A/D converter on. PENIRQ disabled.
0: 12-bit (Lower speed referred to as the 2MHz clock).
D1
M
1: 8-bit (Higher speed referred to as the 4MHz clock).
D0
X
Don't care.
(1)
The command byte definition for the setup command is shown in Table 4.
Bits D7-D4: C3-C0—Converter function select bits. These bits select the input to be converted and the
converter function to be executed, activate the drivers, and configure the PENIRQ pullup resitor (RIRQ). Table 3
lists the possible converter functions.
Bits D3-D2: PD1-PD0—Power-down bits. These two bits select the power-down mode that the TSC2007 will be
in after the current command completes, as shown in Table 2.
It is recommended to set PD0 = 0 in each command byte to get the lowest power consumption possible. If
multiple X-, Y-, and Z-position measurements will be done one right after another (such as when averaging),
PD0 =1 will leave the touch screen drivers on at the end of each conversion cycle.
Bit D1: M—Mode bit. If M = 0, the TSC2007 is in 12-bit mode. If M = 1, 8-bit mode is selected.
Bit D0: X—Don’t care.
24
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com