Electronic Components Datasheet Search
  English  ▼

X  

TSC2007IPW Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2007IPW
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2007IPW Datasheet(HTML) 22 Page - Texas Instruments

Back Button TSC2007IPW Datasheet HTML 18Page - Texas Instruments TSC2007IPW Datasheet HTML 19Page - Texas Instruments TSC2007IPW Datasheet HTML 20Page - Texas Instruments TSC2007IPW Datasheet HTML 21Page - Texas Instruments TSC2007IPW Datasheet HTML 22Page - Texas Instruments TSC2007IPW Datasheet HTML 23Page - Texas Instruments TSC2007IPW Datasheet HTML 24Page - Texas Instruments TSC2007IPW Datasheet HTML 25Page - Texas Instruments TSC2007IPW Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
www.ti.com
I2C Fast or Standard Mode (F/S Mode)
SDA
SCL
1
2
7
6
8
9
1
2
3-8
8
9
SlaveAddress
MSB
RepeatedIfMoreBytesAreTransferred
R/W
DirectionBit
Acknowledgement
SignalfromReceiver
Acknowledgement
SignalfromReceiver
START
Condition
ACK
ACK
STOPCondition
orRepeated
STARTCondition
TSC2007
SBAS405 – MARCH 2007
OVERVIEW (continued)
Figure 29 details how data transfer is accomplished on the I2C bus. Depending upon the state of the R/W bit,
two types of data transfer are possible:
1. Data transfer from a master transmitter to a slave receiver. The first byte transmitted by the master is
the slave address. Next follows a number of data bytes. The slave returns an acknowledge bit after the
slave address and each received byte.
2. Data transfer from a slave transmitter to a master receiver. The first byte, the slave address, is
transmitted by the master. The slave then returns an acknowledge bit. Next, a number of data bytes are
transmitted by the slave to the master. The master returns an acknowledge bit after all received bytes
other than the last byte. At the end of the last received byte, a not-acknowledge is returned.
The master device generates all of the serial clock pulses and the START and STOP conditions. A transfer ends
with a STOP condition or a repeated START condition. Because a repeated START condition is also the
beginning of the next serial transfer, the bus will not be released.
The TSC2007 may operate in the following two modes:
1. Slave Receiver Mode: Serial data and clock are received through SDA and SCL. After each byte is
received, an acknowledge bit is transmitted. START and STOP conditions are recognized as the
beginning and end of a serial transfer. Address recognition is performed by hardware after reception of
the slave address and direction bit.
2. Slave Transmitter Mode: The first byte (the slave address) is received and handled as in the slave
receiver mode. However, in this mode the direction bit indicates that the transfer direction is reversed.
Serial data is transmitted on SDA by the TSC2007 while the serial clock is input on SCL. START and
STOP conditions are recognized as the beginning and end of a serial transfer.
In I2C Fast or Standard (F/S) mode, serial data transfer must meet the timing shown in the Timing Information
section.
In the serial transfer format of F/S mode, the master signals the beginning of a transmission to a slave with a
START condition (S), which is a high-to-low transition on the SDA input while SCL is high. When the master has
finished communicating with the slave, the master issues a STOP condition (P), which is a low-to-high transition
on SDA while SCL is high, as shown in Figure 29. The bus is free for another transmission after a stop condition
has occurred. Figure 29 shows the complete F/S mode transfer on the I2C, 2-wire serial interface. The address
byte, control byte, and data byte are transmitted between the START and STOP conditions. The SDA state is
only allowed to change while SCL is low, except for the START and STOP conditions. Data are transmitted in
8-bit words. Nine clock cycles are required to transfer the data into or out of the device (8-bit word plus
acknowledge bit).
Figure 29. Complete Fast- or Standard-Mode Transfer
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com