Electronic Components Datasheet Search
  English  ▼

X  

TSC2007IPW Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2007IPW
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2007IPW Datasheet(HTML) 29 Page - Texas Instruments

Back Button TSC2007IPW Datasheet HTML 25Page - Texas Instruments TSC2007IPW Datasheet HTML 26Page - Texas Instruments TSC2007IPW Datasheet HTML 27Page - Texas Instruments TSC2007IPW Datasheet HTML 28Page - Texas Instruments TSC2007IPW Datasheet HTML 29Page - Texas Instruments TSC2007IPW Datasheet HTML 30Page - Texas Instruments TSC2007IPW Datasheet HTML 31Page - Texas Instruments TSC2007IPW Datasheet HTML 32Page - Texas Instruments TSC2007IPW Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
www.ti.com
TSC2007
SBAS405 – MARCH 2007
Table 6. Effective and Equivalent Throughput Rates
TSC
CONVERSION
EFFECTIVE
EQUIVALENT
CCLK
SUPPLY
I2C BUS SPEED
CYCLE TIME
THROUGHPUT
THROUGHPUT
# OF
# OF
fCCLK
PERIODS
VOLTAGE
(fSCL)
RESOLUTION
(
µs)
(kSPS)
(kSPS)
SCL
CCLK
(kHz)
(ns)
8-bit
433.6
2.31
16.14
40
127
3780
264.6
100kHz
Standard
12-bit
568.7
1.76
12.31
49
148
1880
531.9
8-bit
133.6
7.49
52.40
40
127
3780
264.6
400kHz
Fast
12-bit
201.2
4.97
34.79
49
148
1880
531.9
2.7V
8-bit
57.1
17.50
122.53
40
127
3780
264.6
1.7MHz
High-Speed
12-bit
107.5
9.30
65.09
49
148
1880
531.9
8-bit
45.4
22.04
154.31
40
127
3780
264.6
3.4MHz
High-Speed
12-bit
93.1
10.74
75.16
49
148
1880
531.9
8-bit
434.7
2.30
16.10
40
127
3660
273.2
100kHz
Standard
12-bit
570.9
1.75
12.26
49
148
1830
546.4
8-bit
134.7
7.42
51.97
40
127
3660
273.2
400kHz
Fast
12-bit
203.4
4.92
34.42
49
148
1830
546.4
1.8V
8-bit
58.2
17.17
120.22
40
127
3660
273.2
1.7MHz
High-Speed
12-bit
109.7
9.12
63.81
49
148
1830
546.4
8-bit
46.5
21.52
150.65
40
127
3660
273.2
3.4MHz
High-Speed
12-bit
95.3
10.49
73.46
49
148
1830
546.4
8-bit
439.8
2.27
15.92
40
127
3190
313.5
100kHz
Standard
12-bit
582.5
1.72
12.02
49
148
1600
625.0
8-bit
139.8
7.15
50.07
40
127
3190
313.5
400kHz
Fast
12-bit
215.0
4.65
32.56
49
148
1600
625.0
1.2V
8-bit
63.3
15.79
110.51
40
127
3190
313.5
1.7MHz
High-Speed
12-bit
121.3
8.24
57.70
49
148
1600
625.0
8-bit
51.6
19.39
135.72
40
127
3190
313.5
3.4MHz
High-Speed
12-bit
106.9
9.35
65.47
49
148
1600
625.0
29
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com