Electronic Components Datasheet Search
  English  ▼

X  

TSC2007IPW Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2007IPW
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2007IPW Datasheet(HTML) 28 Page - Texas Instruments

Back Button TSC2007IPW Datasheet HTML 24Page - Texas Instruments TSC2007IPW Datasheet HTML 25Page - Texas Instruments TSC2007IPW Datasheet HTML 26Page - Texas Instruments TSC2007IPW Datasheet HTML 27Page - Texas Instruments TSC2007IPW Datasheet HTML 28Page - Texas Instruments TSC2007IPW Datasheet HTML 29Page - Texas Instruments TSC2007IPW Datasheet HTML 30Page - Texas Instruments TSC2007IPW Datasheet HTML 31Page - Texas Instruments TSC2007IPW Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
www.ti.com
THROUGHPUT RATE AND I2C BUS TRAFFIC
TSC2007
SBAS405 – MARCH 2007
Although the internal A/D converter has a sample rate of up to 200kSPS, the throughput presented at the bus is
much lower. The rate is reduced because preprocessing manages the redundant work of filtering out noise. The
throughput is further limited by the I2C bus bandwidth. The effective throughput is approximately 20kSPS at 8-bit
resolution, or 10kSPS at 12-bit resolution. This preprocessing saves a large portion of the I2C bandwidth for the
system to use on other devices.
Each sample and conversion takes 19 CCLK cycles (12-bit), or 16 CCLK cycles (8-bit). For a typical internal
4MHz OSC clock, the frequency actually ranges from 3.66MHz to 3.82MHz. For VDD = 1.2V, the frequency
drops down to 3.19MHz, which gives a 3.19MHz/16 = 199kSPS raw A/D converter sample rate.
To send the conversion result across the I2C bus takes 49 bus clocks (SCL clock). Each write cycle takes 20 I2C
cycles (START, STOP, address byte, 2 ACKs, and command byte). Each read cycle takes 29 I2C cycles
(START, STOP, address byte, 3 ACKs, and data bytes 1 and 2). Seven sample-and-conversions take 19 x 7
internal clocks (12-bit), or 16 x 7 (8-bit) to convert. The MAV filter loop takes 19 internal clocks. For VDD = 1.2V,
the complete processed data cycle time calculations are shown in Table 5. Because the first acquisition cycle is
overlapped with the I/O cycle, four CCLKs should be deducted from the total CCLK cycles. For 12-bit mode, it
requires (19
× 7 + 19) – 4 = 148 CCLKs plus I/O. For 8-bit mode, it requires (16 × 7 + 19) – 4 = 127 CCLKs plus
I/O.
Table 5. Measurement Cycle Time Calculations
STANDARD MODE: 100kHz (Period = 10
µs)
8-Bit
40
× 10µs + 127 × 313ns = 439.8µs (2.27kSPS through the I2C bus)
12-Bit
49
× 10µs + 148 × 625ns = 582.5µs (1.72kSPS through the I2C bus)
FAST MODE: 400kHz (Period = 2.5
µs)
8-Bit
40
× 2.5µs + 127 × 313ns = 139.8µs (7.15kSPS through the I2C bus)
12-Bit
49
× 2.5µs + 148 × 625ns = 215µs (4.65kSPS through the I2C bus)
HIGH-SPEED MODE: 1.7MHz (Period = 588ns)
8-Bit
40
× 588ns + 127 × 313ns = 63.3µs (15.79kSPS through the I2C bus)
12-Bit
49
× 588ns + 148 × 625ns = 121.3µs (8.24kSPS through the I2C bus)
HIGH-SPEED MODE: 3.4MHz (Period = 294ns)
8-Bit
40
× 294ns + 127 × 313ns = 51.6µs (19.39kSPS through the I2C bus)
12-Bit
49
× 294ns + 148 × 625ns = 106.9µs (9.35kSPS through the I2C bus)
As an example, use VDD = 1.2V and 12-bit mode with the Fast-mode I
2C clock (f
SCL = 400kHz). The equivalent
TSC throughput is at least seven times faster than the effective throughput across the bus (4.65k x 7 =
32.55kSPS). The supply current to the TSC for this rate and configuration is 128
µA. To achieve an equivalent
sample throughput of 8.2kSPS using the device without preprocessing, the TSC2007 merely consumes
(8.2/32.55)
× 128µA = 32.24µA.
28
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com