Electronic Components Datasheet Search
  English  ▼

X  

DS90C124 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C124
Description  5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C124 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS90C124 Datasheet HTML 1Page - National Semiconductor (TI) DS90C124 Datasheet HTML 2Page - National Semiconductor (TI) DS90C124 Datasheet HTML 3Page - National Semiconductor (TI) DS90C124 Datasheet HTML 4Page - National Semiconductor (TI) DS90C124 Datasheet HTML 5Page - National Semiconductor (TI) DS90C124 Datasheet HTML 6Page - National Semiconductor (TI) DS90C124 Datasheet HTML 7Page - National Semiconductor (TI) DS90C124 Datasheet HTML 8Page - National Semiconductor (TI) DS90C124 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Deserializer Switching Characteristics (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Pin/Freq.
Min
Typ
Max
Units
t
HZR
HIGH to TRI-STATE Delay
(Figure 12)
ROUT [23:0],
RCLK, LOCK
310
ns
t
LZR
LOW to TRI-STATE Delay
3
10
ns
t
ZHR
TRI-STATE to HIGH Delay
3
10
ns
t
ZLR
TRI-STATE to LOW Delay
3
10
ns
t
DD
Deserializer Delay
(Figure 10)
RCLK
[4+(3/56)]T
+5.9
[4+(3/56)]T
+14
ns
t
DRDL
Deserializer PLL Lock Time
from Powerdown
(Figure 13)
(Notes 7, 8)
5 MHz
5
50
ms
35 MHz
5
50
ms
RxIN_TOL_L
Receiver INput TOLerance
Left,
(Figure 15)
(Notes 6, 8, 10)
5 MHz–35 MHz
0.25
UI
RxIN_TOL_R
Receiver INput TOLerance
Right,
(Figure 15)
(Notes 6, 8, 10)
5 MHz–35 MHz
0.25
UI
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
Note 2: Typical values are given for VCC = 3.3V and TA = +25˚C.
Note 3: Current into device pins is defined as positive. Current out of a device pin is defined as negative. Voltages are referenced to ground except VOD,
∆VOD,
VTH and VTL which are differential voltages.
Note 4: When the Serializer output is tri-stated, the Deserializer will lose PLL lock. Resynchronization MUST occur before data transfer.
Note 5: tDRDL is the time required by the deserializer to obtain lock when exiting powerdown mode. tDRDL is specified with an external synchronization pattern.
Note 6: RxIN_TOL is a measure of how much phase noise (jitter) the deserializer can tolerate in the incoming data stream before bit errors occur. It is a
measurement in reference with the ideal bit position, please see National’s AN-1217 for detail.
Note 7: The Deserializer PLL lock time (tDRDL) may vary depending on input data patterns and the number of transitions within the pattern.
Note 8: Parameter is guaranteed by design and characterization using statistical analysis.
Note 9: tJIT (@BER of 10e-9) specifies the allowable jitter on TCLK. tJIT not included in TxOUT_E_O parameter.
Note 10: UI – Unit Interval, equivalent to one ideal serialized data bit width. The UI scales with frequency.
Note 11: Figures 1, 2, 9, 10, 13 show a falling edge data strobe (TCLK IN/RCLK OUT).
Note 12: Figures 6, 11 show a rising edge data strobe (TCLK IN/RCLK OUT).
Note 13: TxOUT_E_O is affected by pre-emphasis value.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com