Electronic Components Datasheet Search
  English  ▼

X  

6519 Datasheet(PDF) 32 Page - Christian Bürkert GmbH & Co. KG

Part # 6519
Description  Servo-assisted 3/2, 5/2 or 5/3-way solenoid valve for pneumatics
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6519 Datasheet(HTML) 32 Page - Christian Bürkert GmbH & Co. KG

Back Button 6519 Datasheet HTML 28Page - Christian Bürkert GmbH & Co. KG 6519 Datasheet HTML 29Page - Christian Bürkert GmbH & Co. KG 6519 Datasheet HTML 30Page - Christian Bürkert GmbH & Co. KG 6519 Datasheet HTML 31Page - Christian Bürkert GmbH & Co. KG 6519 Datasheet HTML 32Page - Christian Bürkert GmbH & Co. KG 6519 Datasheet HTML 33Page - Christian Bürkert GmbH & Co. KG 6519 Datasheet HTML 34Page - Christian Bürkert GmbH & Co. KG 6519 Datasheet HTML 35Page - Christian Bürkert GmbH & Co. KG 6519 Datasheet HTML 36Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
Type 6519
32 | 61
Visit product website 
6.
Product design and assembly
6.1. Block construction
Note:
Single modules or pre‑mounted blocks are available.
1
2
3
4
4
5
6
7
8
9
No. Element
1
Connector module left
2
Basic module 3‑fold
3
Intermediate supply module: supply channel pushed through for additional pressure supply or Connector module, right:
supply channel closed off, there by several operational pressures possible in a single block
4
Basic module 2‑fold
5
Connector module right
6
Supply port: 3(R)
7
Supply port: 1(P)
8
Supply port: 5(S)
9
Covering plate for 3/2-way valve (to cover unused connections)
Note:
Valves with NAMUR flange, with Ex ia coil or Ex versions with terminal boxes are not suitable for block mounting.
Ordering example Type 6519 with pneumatic module Type MP07
Unit
Version
Article no.
1
Connector module right, G ½
635331 
1
Intermediate supply module
637505 
1
Basic module 2-fold universal (for 3/2-, 5/2- and 5/3-way)
635319 
1
Basic module 3-fold universal (for 3/2-, 5/2- and 5/3-way)
635343 
5
Connector module left, G ½
635324 
Version
Article no.
Connector module right, G ½
635331 
Intermediate supply module
637505 
Basic module 2-fold universal (for 3/2-, 5/2- and 5/3-way)
635319 
Basic module 3-fold universal (for 3/2-, 5/2- and 5/3-way)
635343 
Connector module left, G ½
635324 
Covering plate for 5/2-way and 5/3-way (to cover unused valve positions)
635335 
Covering plate for 3/2-way (to cover unused connections)
635337 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com