Electronic Components Datasheet Search
  English  ▼

X  

6519 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 6519
Description  Servo-assisted 3/2, 5/2 or 5/3-way solenoid valve for pneumatics
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6519 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 6519 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 6519 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 6519 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 6519 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 6519 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 6519 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 6519 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 6519 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 6519 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
Type 6519
13 | 61
Visit product website 
2.9. Ex ia version for extended temperature range
Note:
• The maximum medium temperature may never exceed the permissible temperature class (T4 135 °C, T5
100 °C, T6 85 °C) minus 5K.
Product properties
Aluminium
Stainless steel
Orifice
DN 9
DN 9
Response times
5/2
5/2‑bi
5/3
3/2
5/2
5/2‑bi
Opening [ms]
16
18
16
13
12
14
Closing [ms]
27
18
22
47
74
14
Body material
Pilot valve
Stainless steel
Stainless steel
Main valve
Aluminium ematalised
Stainless steel 1.4571
Threaded socket
Aluminium
Stainless steel
Seal material
FPM, NBR
PU, NBR, FPM
Compressed air quality
ISO 8573‑1:2010, Class 7.2.4 1.)
Electrical data
Function values for switching
function valve
At + 20 °C
At + 55 °C
Minimum switching current
29 mA
29 mA
Nominal resistance coil
310 Ω
360 Ω
Minimum terminal voltage
9.0 V
10.4 V
Conformity specifications
Ui
35 V
Ii
0.9 A
Pi
1.1 W
Voltage tolerance
+ 10 %
Medium data
Operating medium
Neutral medium, eg lubricated or non‑lubricated compressed air
Medium temperature
- 30 °C…+ 80 °C
- 30 °C…+ 80 °C
Process/Port connection & communication
Electrical connection
Cable plug Type 2518, form A acc. to DIN EN 175301-803. Detailed
information can be found in chapter “Cable plug Type 2518, form A
according to DIN EN 175301‑803” on page 57.
Pneumatic connection
Supply port 1, 3, 5
Threaded G ¼, NPT ¼
Working port 2, 4
Threaded G ¼, NPT ¼
Approvals and certificates
Degree of protection
IP65 with cable plug
Approval
EPS 18 ATEX 1 088 / IECEx EPS 18.0038 X
II 2G Ex ia IIC T6 Gb
II 2D Ex ia IIIC T135 °C Db
Environment and installation
Installation
As required, preferably with actuator upright
Ambient temperature
- 40 °C…+ 75 °C
- 30 °C…+ 75 °C
1.) To prevent freezing of the expanded compressed air, the pressure dew point must be at least 10 K lower than the temperature of the medi‑
um..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com