Electronic Components Datasheet Search
  English  ▼

X  

6519 Datasheet(PDF) 53 Page - Christian Bürkert GmbH & Co. KG

Part # 6519
Description  Servo-assisted 3/2, 5/2 or 5/3-way solenoid valve for pneumatics
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6519 Datasheet(HTML) 53 Page - Christian Bürkert GmbH & Co. KG

Back Button 6519 Datasheet HTML 49Page - Christian Bürkert GmbH & Co. KG 6519 Datasheet HTML 50Page - Christian Bürkert GmbH & Co. KG 6519 Datasheet HTML 51Page - Christian Bürkert GmbH & Co. KG 6519 Datasheet HTML 52Page - Christian Bürkert GmbH & Co. KG 6519 Datasheet HTML 53Page - Christian Bürkert GmbH & Co. KG 6519 Datasheet HTML 54Page - Christian Bürkert GmbH & Co. KG 6519 Datasheet HTML 55Page - Christian Bürkert GmbH & Co. KG 6519 Datasheet HTML 56Page - Christian Bürkert GmbH & Co. KG 6519 Datasheet HTML 57Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 61 page
background image
Type 6519
53 | 61
Visit product website 
8.15. Ordering chart NAMUR Ex mb version for extended temperature range
Ematalised aluminium version
Note:
• Please note that the cable plug must be ordered separately, see “Cable plug Type 2518, form A according to DIN EN
175301‑803” on page 57 or separate data sheet for Type 2518 .
• All units are supplied with a stainless steel cap nut as standard. This cap nut protects the exhaust air channel from penetrating
humidity.
Circuit function
Orifice Seal
material
body
Threaded
port con-
nection
Q
Nn value
air1)
Pressure
range2)
Weight Nominal
power
Voltage/
Frequency
Article no.
[mm]
[inch]
[l/min]
[bar]
[g]
[W]
[V/Hz]
Valves in aluminium with manual override
CF C
3/2‑way solenoid valve
Servo‑controlled, with man‑
ual override
Normally closed
2(A)
1(P)
3(R)
12
6.0
FPM,
NBR
G ¼
780
3…10
540
3
024/UC
o. r.
110/UC
o. r.
230/UC
o. r.
CF H
5/2‑way solenoid valve
Servo‑controlled, with man‑
ual override
Pressure applied via port
(1), therefore one of the
two ports (2) or (4) is under
pressure.
14
12
4
2
5 1 3
6.0
FPM,
NBR
G ¼
800
3…10
540
3
024/UC
350455 
110/UC
o. r.
230/UC
o. r.
CF Z
5/2‑way solenoid valve
Impulse version with 2 coils
and manual override
Pressure applied via port
(1), therefore one of the
two ports (2) or (4) is under
pressure.
14
12
4
2
5 1 3
6.0
FPM,
NBR
G ¼
900
3…10
540
3
024/UC
350497 
110/UC
o. r.
230/UC
o. r.
1.) Measurement at 6 bar and + 20 °C at valve inlet and 1 bar pressure difference
2.) Pressure data: Overpressure to atmospheric pressure
o. r. = on request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com