Electronic Components Datasheet Search
  English  ▼

X  

3281 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 3281
Description  Electromotive 2-way globe proportional valve
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3281 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  3281 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 3281 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3281 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3281 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3281 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3281 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3281 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3281 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3281 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Type 3281
3 | 17
Visit product website 
1.
General technical data
1.1. General
Product properties
Dimensions
Further information can be found in chapter “4. Dimensions” on page 6.
Material
Further information can be found in chapter “3.2. Material specifications” on page 5.
Valve body
Stainless steel
Seal
PTFE
Design
Globe control valve
Connection nominal diameter
DN 15, NPS ½
Safety setting in case of power
failure
With capacitive buffer module as accessory, see chapter “4.5. Capacitive buffer module” on page
10.
Flow direction
Against closing direction (below seat)
Controller variant
Position controller or process controller
Weight
~1.1 kg
Status indicator
LED (Refer to the operating instructions for more information.)
LED (Refer to the operating instructions Type 3281  for more information.)
Performance data
Typical values of positioning behaviour1.)
Dead band of the position
control
± 0.5 % (corresponds to setting range 1:100)
Closing time
2.5 s
Operating pressure
0…16 bar(g) (depending on seat size, see chapter “6.2. Pressure range” on page 12)
Nominal pressure
PN 25 (DIN EN 1333)
K
VS value
0.57…2.25 m³/h (see chapter “6.2. Pressure range” on page 12)
Seat leakage (DIN EN 60534 - 4)
Class VI
Electrical data
Operating voltage
24 V DC ± 10 % (max. residual ripple 10 %)
Duty cycle
Up to 100 % (depending on medium and ambient temperature)
Power consumption
< 1 W holding power
Max. 12 W (short term 20 W)
Medium data
Operating medium
Neutral gases, liquids
Medium temperature
- 20 °C…130 °C
Viscosity
Max. 600 mm²/s (cSt)
Process/Port connection & communication
Port connection2.)
• Threaded connection
– G (EN ISO 228 - 1)
– Rc (EN ISO 228 - 1, ISO 7/1 / DIN EN 10226 - 2)
– NPT (ASME B 1.20.1)
• Welded connection
– DIN EN ISO 1127/ISO 4200/DIN 11866 B
– DIN 11850 2/DIN 11866 A/DIN EN 10357 A
Communication and control
Standard signal (analogue)
Setpoint: 0/4…20 mA, 0…5/10 V and digital input, see chapter “1.2. Electrical control and inter-
faces” on page 4.
Fieldbus (digital)
• Bürkert system bus (büS)
• CANopen (optional)
EDIP
Field device for integration into the EDIP platform via Bürkert system bus (büS)
Further information can be found in chapter “8.2. Bürkert Communicator Software” on page 15.
Approvals and conformities
Degree of protection
IP54
Foods and beverages/Hygiene
Further information can be found in chapter “2.4. Foods and beverages/Hygiene” on page 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com