Electronic Components Datasheet Search
  English  ▼

X  

3281 Datasheet(PDF) 12 Page - Christian Bürkert GmbH & Co. KG

Part # 3281
Description  Electromotive 2-way globe proportional valve
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3281 Datasheet(HTML) 12 Page - Christian Bürkert GmbH & Co. KG

Back Button 3281 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3281 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3281 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3281 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 3281 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 3281 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 3281 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 3281 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 3281 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Type 3281
12 | 17
Visit product website 
6.
Performance specifications
6.1. Duty cycle derating diagram
Note:
• The duty cycle is an important factor for motor valves. The self-heating of the engine limits the maximum duty cycle. High ambient
temperatures additionally increase the risk of damage due to overheating. The following diagram shows the recommended maximum
duty cycle as a function of the ambient temperature. In energy-saving mode (lower driving force), higher duty cycles are possible. The
motor is optimised for the valve function in terms of size, power consumption and costs.
• The duty cycle does not mean the duty cycle of the device but the duty cycle of the motor. This is only switched on when the valve is to
move. Frequent set-point value changes drastically increase the duty cycle of the motor.
• Operating the valve outside the recommended duty cycle limits will result in a significantly reduced service life of the valve.
10 %
20 %
30 %
40 %
50 %
60 %
70 %
80 %
90 %
100 %
0
5
10
15
20
25
30
35
40
45
50
55
60
Ambient temperature [°C]
Derating curve for max. medium temperature (130 °C)
6.2. Pressure range
Standard version
Note:
For orders from our standard product range, use the product filter in our eShop (see “9.1. Bürkert eShop” on page 16).
Alternatively, you can use the Product Enquiry Form (see “9.4. Bürkert Product Enquiry Form” on page 17) for information about the
device layout and send it to us after completion.
Valve function
Seat size
Port connection
K
VS value
Pressure range
[mm]
[m³/h]1.)
[bar(g)]
Control valve, without
safety position in case of
power failure
4
G ½
0.57
0…16
6
G ½
1.25
0…16
8
G ½
1.8
0…12
10
G ½
2.25
0…7
1.) Flow value for water, measurement at + 20 °C, 1 bar pressure difference above the fully open valve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com