Electronic Components Datasheet Search
  English  ▼

X  

3281 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 3281
Description  Electromotive 2-way globe proportional valve
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3281 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  3281 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 3281 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3281 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3281 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3281 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3281 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3281 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3281 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3281 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Type 3281
4 | 17
Visit product website 
Environment and installation
Installation position
As required, preferably with actuator upright
Ambient temperature
- 10 °C…+ 60 °C (Derating see chapter “6.1. Duty cycle derating diagram” on page 12)
1.) The characteristic values of the control behaviour depend on the operating conditions.
2.) Others on request
1.2. Electrical control and interfaces
Technical data
Device variants
Positioner (C)
Process controller (D)
Analogue
Digital (fieldbus)
Analogue
Digital (fieldbus)
Electrical connection
M12 plug,
A-coded, 8-pin
M12 plug,
A-coded, 5-pin
M12 plug,
A-coded, 8-pin
and M12 socket,
A-coded, 5-pin
M12 plug,
A-coded, 5-pin
and M12 socket,
A-coded, 5-pin
Input signal (set-point
value)
4…20 mA,
0…20 mA,
0…10 V or
0…5 V
–
4…20 mA,
0…20 mA,
0…10 V or
0…5 V
–
Input signal (actual value
of ext. sensor)
–
–
4…20 mA,
0…20 mA,
0…10 V or
0…5 V
4…20 mA,
0…20 mA,
0…10 V,
0…5 V or
frequency (5…2.000 Hz)
Input impedance for
analogue input
60 Ω (Current),
22 kΩ (Voltage)
–
60 Ω (current),
22 kΩ (voltage)
60 Ω (current),
22 kΩ (voltage)
Output signal (actual
value)
0/4…20 mA
(max. Load: 560 Ω),
0…5/10 V
(max. Current: 10 mA)
–
0/4…20 mA
(max. load: 560 Ω),
0…5/10 V
(max. current: 10 mA)
–
Fieldbus interface
–
büS/CANopen
–
büS/CANopen
Parameterisation tool
Bürkert Communicator
(connection via büS stick)
Bürkert Communicator
(connection via büS stick)
Bürkert Communicator
(connection via büS stick)
Bürkert Communicator
(connection via büS stick)
2.
Approvals and conformities
2.1. General notes
• The approvals and conformities listed below must be stated when making enquiries. This is the only way to ensure that the product
complies with all required specifications.
• Not all available versions can be supplied with the below mentioned approvals or conformities.
2.2. Conformity
In accordance with the Declaration of conformity, the product is compliant with the EU Directives.
2.3. Standards
The applied standards which are used to demonstrate compliance with the EU Directives are listed in the EU-Type Examination Certificate
and/or the EU Declaration of Conformity.
2.4. Foods and beverages/Hygiene
Conformity
Description
EC Regulation 1935/2004 of the European Parliament and of the Council
All wetted materials are compliant with EC Regulation 1935/2004/EC according to the manufacturer‘s declaration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com