Electronic Components Datasheet Search
  English  ▼

X  

3320 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 3320
Description  Electromotive 2/2-way globe valve (ON/OFF)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3320 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  3320 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Type 3321
3 | 26
Visit product website 
1.
General technical data
Note:
• AG2: Actuator size 2 with a nominal force of 1300 or 2500 N for seat size 15…50
• AG3: Actuator size 3 with a nominal force of 7700 or 10000 N for seat size 40…100
Product properties
Dimensions
Detailed information can be found in chapter “4. Dimensions” on page 8.
Material
Detailed information can be found in chapter “3. Materials” on page 6.
Design
Globe on/off valve
Nominal diameter
DN 15…100, NPS ½…4
Safety setting in case of power failure
With SAFEPOS energy-pack: open, closed or freely programmable
Without SAFEPOS energy-pack: blocked in last position
Flow direction
Against closing direction (below seat)
Weight
Actuator depending on version up to:
AG2: 5.5 kg
AG3: 16 kg
(Total weight including valve body depending on port connection)
Performance data
Operating pressure
0…25 bar(g) (see “5.1. Fluidic data” on page 16)
Vacuum version up to - 0.9 bar(g) (optional)
Nominal pressure
PN 25 (DIN EN 1333), Class 150 (DIN EN 1759)
K
V value
4.7…165 m3/h (see “5.1. Fluidic data” on page 16)
Closing time1.)
AG2: 2.3…6.6 s
AG3: 8.7 s
(Depending on travel speed, stroke and operating conditions)
Travel speed1.)
6 mm/s (for AG2 actuator force 1300 N)
4 mm/s (for AG2 actuator force 2500 N)
3 mm/s (for AG3 actuator load 7700 N and 10000 N)
(Depending on operating conditions)
Electrical data
Operating voltage
24 V DC ± 10 % (max. residual ripple 10 %)
Operating current1.)
AG2: Max. 3 A (at max. load and including 1 A charging current of the optional SAFEPOS
energy-pack). At minimum operating temperature additionally 2 A
AG3: Max. 5 A (at max. load and including charging current of the optional SAFEPOS
energy-pack). At minimum operating temperature additionally 6 A
Protection class (DIN EN 61140)
3
Duty cycle
100 %
Standby consumption1.)
2…4 W
Communication and control
Standard signal (analogue)
0…5 V (log. 0)
10…30 V (log. 1)
Fieldbus (digital)
Bürkert system bus (büS) (Standard)
CANopen (optional)
EtherNet/IP, PROFINET, Modbus/TCP (optional via integrated gateway)
Media data
Process medium
Steam, neutral gases, water, alcohols, oils, fuels, hydraulic fluids, salt solutions, lyes,
organic solvents, oxygen (optional)
Medium temperature
- 40…+ 230 °C (see “5.2. Operating limits” on page 17)
Viscosity
Up to 600 mm²/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com