Electronic Components Datasheet Search
  English  ▼

X  

3320 Datasheet(PDF) 17 Page - Christian Bürkert GmbH & Co. KG

Part # 3320
Description  Electromotive 2/2-way globe valve (ON/OFF)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3320 Datasheet(HTML) 17 Page - Christian Bürkert GmbH & Co. KG

Back Button 3320 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Type 3321
17 | 26
Visit product website 
5.2. Operating limits
Operating limits for medium temperature and operating pressure
The operating range of Bürkert process valves is in addition to the maximum operating pressures limited by the nominal pressure
according to the relevant standard.
Operating limits for PN25 acc. to DIN EN 12516-1
Operating limits for Class 150 acc. to ASME B16.34
Operating limits for flange 10K acc.to JIS B 2220
Saturated steam curve for water
-40
0
20
40
60
80
100
120
140
160
200
220
-0,9 0
5
10
15
20
25
Application limits of operating pressure and medium pressure
Operating pressure [bar(g)]
Low temperature version required
High temperature version required
-10
185
14
19
Satur
ated
steam
cur
ve
Standard
-20
230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com