Electronic Components Datasheet Search
  English  ▼

X  

3320 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 3320
Description  Electromotive 2/2-way globe valve (ON/OFF)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3320 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  3320 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Type 3321
4 | 26
Visit product website 
Process/Port connection & communication
Port connection1.)
Welded connection
DIN EN ISO 1127/ISO 4200/DIN11866 B
DIN 11850 2/DIN 11866 A
ASME BPE/DIN 11866 C
SMS 3008
Clamp connection
DIN 32676 B (pipe ISO 4200)
DIN 32676 A (pipe DIN 11850 2)
ASME BPE
Thread connection
G (DIN ISO 228 - 1)
NPT (ASME B1.20.1)
Rc (ISO 7 - 1)
Flange connection
DIN EN 1092 - 1
ANSI B 16.5
JIS 10K
Electrical connection
Actuator
Terminal strip with cable gland, 2 x M20 (only AG2) or
2 M12 circular plugs, 5-pin and 8-pin
Fieldbus gateway
2 M12 circular sockets, 4-pin (only with industrial Ethernets)
Approvals and certificates
Conformity
Food EGV 1935/2004
FDA (optional)
Approval
Explosion protection ATEX/IECEx (optional) (see “2. Approvals” on page 5)
cULus Cert. no. 238179 (optional) (only AG2) (see “2. Approvals” on page 5)
Ignition protection class
II 3G Ex ec IIC T4 Gc
II 3D Ex tc IIIC T135 °C Dc
Detergent resistance
According to Ecolab test method: R&D/P3-E No. 40 - 1
Environment and installation
Ambient temperature
- 25…+ 65 °C (only without additional modules)
(De-rating see “Operating limits for ambient and medium temperature” on page 18)
Degree of protection
IP65/IP67 (DIN EN 60529),
NEMA 4X
Installation position
Any, preferably actuator face up
1.) All values refer to a supply voltage of 24 V at 25 °C.
2.) Others on request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com